Electronic Components Datasheet Search
  English  ▼

X  

TPS53015 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53015
Description  Single Synchronous Step-down Controller for Low Voltage Power Rails
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53015 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53015 Datasheet HTML 9Page - Texas Instruments TPS53015 Datasheet HTML 10Page - Texas Instruments TPS53015 Datasheet HTML 11Page - Texas Instruments TPS53015 Datasheet HTML 12Page - Texas Instruments TPS53015 Datasheet HTML 13Page - Texas Instruments TPS53015 Datasheet HTML 14Page - Texas Instruments TPS53015 Datasheet HTML 15Page - Texas Instruments TPS53015 Datasheet HTML 16Page - Texas Instruments TPS53015 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
V
= 1.05 V
O
V
(10 mV/div ac coupled)
IN
SW (5 V/div)
Time (10 µsec/div)
TPS53015
www.ti.com
SLVSBF0B – JULY 2012 – REVISED AUGUST 2012
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA= 25 °C (unless otherwise noted)
INPUT VOLTAGE RIPPLE, IOUT = 50 mA
Figure 17.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :TPS53015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com