Electronic Components Datasheet Search
  English  ▼

X  

TPS53015 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53015
Description  Single Synchronous Step-down Controller for Low Voltage Power Rails
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53015 Datasheet(HTML) 2 Page - Texas Instruments

  TPS53015 Datasheet HTML 1Page - Texas Instruments TPS53015 Datasheet HTML 2Page - Texas Instruments TPS53015 Datasheet HTML 3Page - Texas Instruments TPS53015 Datasheet HTML 4Page - Texas Instruments TPS53015 Datasheet HTML 5Page - Texas Instruments TPS53015 Datasheet HTML 6Page - Texas Instruments TPS53015 Datasheet HTML 7Page - Texas Instruments TPS53015 Datasheet HTML 8Page - Texas Instruments TPS53015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS53015
SW
DRVL
DRVH
VBST
EN
VFB
VREG5
PG
PGND
VIN
1
2
3
4
5
6
7
8
9
10
VIN
VIN
EN
VOUT
PG
TPS53015
SLVSBF0B – JULY 2012 – REVISED AUGUST 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATION CIRCUITS
ORDERING INFORMATION (1)
TA
PACKAGE(1)
ORDERING PART NUMBER
PINS
OUTPUT SUPPLY
ECO PLAN
TPS53015DGSR
Tape-and-Reel
Green
–40°C to 85°C
VSSOP
10
(RoHS & no Sb/Br)
TPS53015DGS
Tube
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
Operating under free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VIN, EN
–0.3 to 30
VBST
–0.3 to 36
VBST - SW
–0.3 to 6
Input voltage range
V
VFB
–0.3 to 6
SW
–0.3 to 30
SW (10 nsec transient)
–3.0 to 30
DRVH
–2 to 36
DRVH - SW
–0.3 to 6
Output voltage range
V
DRVL, VREG5, PG
–0.3 to 6
PGND
–0.3 to 0.3
TA
Operating ambient temperature range
–40 to 85
°C
TSTG
Storage temperature range
–55 to 150
°C
TJ
Junction temperature range
–40 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS53015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com