Electronic Components Datasheet Search
  English  ▼

X  

0441012 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0441012
Description  Ground modular terminal block, Connection method: Screw connection, Cross section
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0441012 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0441012 Datasheet HTML 1Page - PHOENIX CONTACT 0441012 Datasheet HTML 2Page - PHOENIX CONTACT 0441012 Datasheet HTML 3Page - PHOENIX CONTACT 0441012 Datasheet HTML 4Page - PHOENIX CONTACT 0441012 Datasheet HTML 5Page - PHOENIX CONTACT 0441012 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/0441012
14.05.2012   Page 4 / 6
Ground modular terminal block - USLKG 4 - 0441012
Approvals
DNV 
RS 
PRS 
KR 
NK 
GOST 
cULus Recognized 
Accessories
Accessories
Assembly
DIN rail - NS 35/ 7,5 CU UNPERF 2000MM - 0801762
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35 mm, length: 2 m
 
 
DIN rail - NS 32 CU/120QMM UNPERF 2000MM - 1201280
G-profile DIN rail, deep-drawn, material: Copper, unperforated, height 15 mm, width 32 mm, length 2 m
 
 
DIN rail - NS 35/15 UNPERF 2000MM - 1201714
DIN rail, material: Steel, unperforated, height 15 mm, width 35 mm, length: 2 m
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com