Electronic Components Datasheet Search
  English  ▼

X  

0441012 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0441012
Description  Ground modular terminal block, Connection method: Screw connection, Cross section
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0441012 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0441012 Datasheet HTML 1Page - PHOENIX CONTACT 0441012 Datasheet HTML 2Page - PHOENIX CONTACT 0441012 Datasheet HTML 3Page - PHOENIX CONTACT 0441012 Datasheet HTML 4Page - PHOENIX CONTACT 0441012 Datasheet HTML 5Page - PHOENIX CONTACT 0441012 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/0441012
14.05.2012   Page 2 / 6
Ground modular terminal block - USLKG 4 - 0441012
Technical data
Technical data
Connection in acc. with standard
IEC 60947-7-2
Open side panel
nein
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Conductor cross section stranded, with ferrule without plastic
sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
max.
1.5 mm²
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1.5 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, max.
1.5 mm²
Connection method
Screw connection
Stripping length
9 mm
Screw thread
M3
Tightening torque, min
0.6 Nm
Tightening torque max
0.8 Nm
Classifications
eclass
eClass 4.0
27141120
eClass 4.1
27141120
eClass 5.0
27141120
eClass 5.1
27141120
eClass 6.0
27141120
etim
ETIM 2.0
EC000901
ETIM 3.0
EC000901
ETIM 4.0
EC000901



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com