Electronic Components Datasheet Search
  English  ▼

X  

2991R Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2991R
Description  Outdoor Enclosure for 2991 L.Band Links
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2991R Datasheet(HTML) 1 Page - Emcore Corporation

  2991R Datasheet HTML 1Page - Emcore Corporation 2991R Datasheet HTML 2Page - Emcore Corporation 2991R Datasheet HTML 3Page - Emcore Corporation 2991R Datasheet HTML 4Page - Emcore Corporation 2991R Datasheet HTML 5Page - Emcore Corporation 2991R Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3091A
Outdoor Enclosure for 2991 L–Band Links
Features
TVRO
Broadcast
Earth Stations
Headends
VSAT
GPS
Applications
Weatherized
Summary Alarm
Redundant Power Supplies
AC input of 95 to 264 VAC
LNB Power
Hot-swappable PS, Tx, & Rx
Modular, Field-configurable
Lightning Protected RF
Discrete M&C Interface
Local RS-232 Interface
Performance Highlights
EMCORE’s Model 3091A Outdoor Enclosure (ODU) provides power
and environmental protection for up to four 2991 transmitters or
receivers. With a weather-tight seal and all the necessary internal
connections and mounting hardware, these ODU’s may be placed
directly at the antenna to provide greater flexibility in design.
Minimum
Typical
Maximum
Units
AC Inputv
95
-
240
VAC
LNB Power, total for all outputs
-
-
24
-
-
1.2
V
A
Ambient Air Temperature
-30
-
50
˚C
SATCOM
Copyright © 2009 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com
Summary Alarm & Discrete Monitors
Fiber
Feed
Through
J1
AC 1
In
J3
RF 1
J4
RF 2
J5
RF 3
J6
RF 4
J11
Discrete
M&C
PS #1
PS #2
Tx/Rx
Unit 1
Tx/Rx
Unit 2
Tx/Rx
Unit 4
Tx/Rx
Unit 3
DC Monitor & Bias
Board
Two AC to DC power supplies drive the four transmitters or receivers and
provide enough additional current for four LNB’s. Further, these power supplies are
redundant, hot swappable and monitored with a summary alarm, so if one fails the facil-
ity staff can replace it and still maintain 100% signal availability. The individual transmit-
ters and receivers also are hot swappable, thus can be replaced or reconfigured without
upsetting any of the other RF paths.


Similar Part No. - 2991R

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2991R-F7-SA EMCORE-2991R-F7-SA Datasheet
1Mb / 4P
Outdoor Enclosure
More results

Similar Description - 2991R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
255.08 LITTELFUSE-255.08 Datasheet
99Kb / 1P
Insulating nuts for CF8-Fuse links
255.1000.000 LITTELFUSE-255.1000.000 Datasheet
92Kb / 1P
Battery clamp for CF8-Fuse links
logo
Emcore Corporation
2991TL-F7-SA1303 EMCORE-2991TL-F7-SA1303 Datasheet
1Mb / 4P
Outdoor Enclosure
logo
Schurter Inc.
0031.7701.11 SCHURTER-0031.7701.11 Datasheet
346Kb / 2P
Suitable for SMD fuse-links OMF
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701ASDZ AVAGO-AFCT-701ASDZ_15 Datasheet
242Kb / 18P
SFP Transceiver for SMF 10km links
AFCT-701SDZ AVAGO-AFCT-701SDZ_15 Datasheet
272Kb / 18P
SFP Transceiver for SMF 10km links
logo
Level One
BOH-1400 LVL1-BOH-1400_16 Datasheet
487Kb / 3P
Camera PoE Outdoor Enclosure
BOH-1401 LVL1-BOH-1401_16 Datasheet
506Kb / 3P
Camera PoE Outdoor Enclosure, IR LEDs
BOH-1410 LVL1-BOH-1410_16 Datasheet
487Kb / 3P
Camera PoE Outdoor Enclosure, FEVE Coating
logo
List of Unclassifed Man...
PMF100600 ETC-PMF100600 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com