Electronic Components Datasheet Search
  English  ▼

X  

2991R Datasheet(PDF) 3 Page - Emcore Corporation

Part # 2991R
Description  Outdoor Enclosure for 2991 L.Band Links
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2991R Datasheet(HTML) 3 Page - Emcore Corporation

  2991R Datasheet HTML 1Page - Emcore Corporation 2991R Datasheet HTML 2Page - Emcore Corporation 2991R Datasheet HTML 3Page - Emcore Corporation 2991R Datasheet HTML 4Page - Emcore Corporation 2991R Datasheet HTML 5Page - Emcore Corporation 2991R Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3091A
Outdoor Enclosure for 2991 L–Band Links
Controls and Monitor (J11)
LEDs (Inside unit)
Transmitter Model Number
Description
2991TL-F7-SA1303
Tx, 75Ω Type “F”, Low Gain, mounting plate,
coaxialcable,lightningprotectoranddcharness
2991TS-F7-SA1303
Tx,75WType“F”,StandardGain,mountingplate,
coaxialcable,lightningprotectoranddcharness
· Relays are all normally closed.
· Relays open for alarm condition or lack of power.
· Relays can pass 2 Amps.
Copyright © 2009 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com
Pin
Function
1
Ground
2
SummaryAlarm
3
SummaryAlarm
4
PowerSupply–A
5
PowerSupply–A
6
PowerSupply–B
7
PowerSupply–B
8
Unit 1
9
Unit 1
10
Unit 2
11
Unit 2
12
Unit 3
13
Unit 3
14
Unit 4
15
Unit 4
16
No Connect
RF / Opt Pwr Unit 1
RF / Opt Pwr Unit 2
RF / Opt Pwr Unit 3
RF / Opt Pwr Unit 4
Summary Alarm
Door Open
Pwr Sply A
Pwr Sply B
- RF / Opt Power- Unit 1, 2, 3 or 4
· Green = OK
· Red = Fault
- For Transmitter: RF / Opt LED indicates “Low RF Power”.
- For Receiver: RF / Opt LED indicates“Low Optical Power”.
Switches
Mechanical switches S1 – S8 allows the user to select if 2991 is present & if Tx or Rx.
Transmitter and Receiver Equipment
The 2991 equipment is ordered separately and can either be factory or field installed.
Receiver Model Number
Description
2991R-F7-SA
Rx, 75W Type “F”, Rx mounting plate, coaxial
cable, lightning protector and dc harness
Additional Parts
Description
3091PS-24
+24 VDC Power Supply, Mounting Bracket, AC
Harness, DC Harness, Thermal Pad
SATCOM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com