Electronic Components Datasheet Search
  English  ▼

X  

8009B Datasheet(PDF) 13 Page - Emcore Corporation

Part # 8009B
Description  System 8000 Fiber-Optic Interfacility Links
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

8009B Datasheet(HTML) 13 Page - Emcore Corporation

Back Button 8009B Datasheet HTML 9Page - Emcore Corporation 8009B Datasheet HTML 10Page - Emcore Corporation 8009B Datasheet HTML 11Page - Emcore Corporation 8009B Datasheet HTML 12Page - Emcore Corporation 8009B Datasheet HTML 13Page - Emcore Corporation 8009B Datasheet HTML 14Page - Emcore Corporation 8009B Datasheet HTML 15Page - Emcore Corporation 8009B Datasheet HTML 16Page - Emcore Corporation 8009B Datasheet HTML 17Page - Emcore Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
ORTEL a Division of EMCORE
Data Sheet, Rev. 0
March 6, 2003
System 8000 Fiber-Optic Interfacility Links
Remote RF Signal Monitor Interfacility Link Specifications
These links bring the uplink RF test ports located at the antenna site back to the equipment room or control room.
This permits the operator to monitor the composite transmitted RF signals conveniently, quickly, and reliably with-
out having to go to the antenna site or invest in a spectrum analyzer for every antenna site. In applications where
the system 8000 is being used for the main signal paths, these links can be included as plug-ins in the main chas-
sis. Or, the uplink RF monitor links can be added to an existing earth station with all the output ports in one chassis
in the control room.
*Adjustable at output.
Table 19. RF Signal Monitor Interfacility Link Specifications: C-Band, 8483A Tx; Ku-Band 8493A Tx
Parameter
Specification
Symbol
Min
Typ
Max
Unit
Passband:
C-Band, 8483A Tx
Ku-Band 8493A Tx
—
5.845
14.0
—
—
6.725
14.5
GHz
GHz
Optical Loss Budget
LOPT
—6
—
dB
Nominal Input Power
PIN
—5
—
dBm
Link Loss:*
C-Band, 8483A Tx
Ku-Band, 8493A Tx
LL
10
15
—
—
20
25
dB
dB
Flatness
—
—
—
±0.2/48
±0.7/500
—
—
dB/MHz
dB/MHz
Gain Slope
—
—
0.02
—
dB/MHz
Gain Stability at Constant Temperature
∆GT
—
±0.15/24
—
dB/hr
Noise Figure:
C-Band, 8483A Tx
Ku-Band, 8493A Tx
NF
—
—
48
55
—
—
dB
dB
Linearity
Input IP3:
C-Band, 8483A Tx
Ku-Band, 8493A Tx
Input 1 dB Compression Point:
C-Band, 8483A Tx
Ku-Band, 8493A Tx
—
—
—
—
—
30
28
18
18
—
—
—
—
dBm
dBm
dBm
dBm
Group Delay:
Peak-to-Peak
Linear
Parabolic
—
—
—
—
0.5
0.02
0.01
—
—
—
ns
ns/MHz
ns/MHz2
Input/Output Impedance
Z
—
50
—
Ω
Input/Output VSWR
—
—
1.35:1
—
—
RF Connector:
C-Band, 8483A Tx
Ku-Band 8493A Tx
—
N Jack
SMA Jack
—
—
Optical Fiber
—
1310 nm, Single Mode
—
Optical Connector
—
FC/APC (Tight-fit Keying), Return
Loss > 60
—
dB
Absolute Maximum RF Input (Max Input Gain)
RFIN MAX
——
–18
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com