Electronic Components Datasheet Search
  English  ▼

X  

CINT1175 Datasheet(PDF) 8 Page - SL Power Electronics

Part # CINT1175
Description  A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1175 Datasheet(HTML) 8 Page - SL Power Electronics

  CINT1175 Datasheet HTML 1Page - SL Power Electronics CINT1175 Datasheet HTML 2Page - SL Power Electronics CINT1175 Datasheet HTML 3Page - SL Power Electronics CINT1175 Datasheet HTML 4Page - SL Power Electronics CINT1175 Datasheet HTML 5Page - SL Power Electronics CINT1175 Datasheet HTML 6Page - SL Power Electronics CINT1175 Datasheet HTML 7Page - SL Power Electronics CINT1175 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CINT1175
175W Single Output
Industrial Series
www.slpower.com
CINT1175 REV 5.4, 17-DEC-12
8
Output Transient Response
50% load step within the regulation limits of minimum and maximum load, dI/dt< 0.2A/μSec. Recovery time not specified as there is no laps in regulation
with a 50% Load Step. Maximum voltage deviation is 3%, This test is performed on the MAIN OUTPUT ONLY.
Output Overload Characteristic
Supply shall protect itself against Overload conditions. The Power Supply shall recover from Overload Conditions without operator intervention.
Output Overshoot
When supply is turned on, off or when the load is stepped 100%, the Power Supply Overshoot/Undershoot shall not exceed minimum or maximum of
output voltage regulation.
Data Sheet © 2012 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com