Electronic Components Datasheet Search
  English  ▼

X  

CINT1175 Datasheet(PDF) 1 Page - SL Power Electronics

Part # CINT1175
Description  A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1175 Datasheet(HTML) 1 Page - SL Power Electronics

  CINT1175 Datasheet HTML 1Page - SL Power Electronics CINT1175 Datasheet HTML 2Page - SL Power Electronics CINT1175 Datasheet HTML 3Page - SL Power Electronics CINT1175 Datasheet HTML 4Page - SL Power Electronics CINT1175 Datasheet HTML 5Page - SL Power Electronics CINT1175 Datasheet HTML 6Page - SL Power Electronics CINT1175 Datasheet HTML 7Page - SL Power Electronics CINT1175 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CINT1175
175W Single Output
Industrial Series
www.slpower.com
CINT1175 REV 5.4, 17-DEC-12
1
Features
2” x 4” x 1.3” Package
For 1U Applications
175W w/air, 120W convection cooled
Universal Input 90-264Vac
Average Efficiency meets Level V
Requirements
Approved to CSA/EN/IEC/UL60950, 2nd Edition
12V fan output
Efficiency 90% typical at Full Load
3 Year Warranty
RoHS Compliant
Description
A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications. With convection rating of
120 Watts, CINT1175 family leads the market in power density and low leakage makes it a perfect solution for lighting
applications. With input & output monitoring alarms plus isolated 12V/0.4A fan, it is one the most feature rich supplies and
can easily fit in 1U chassis. All 5 models are CE marked to low voltage directive and approved to ITE standards of
EN60950, 2nd edition.
Model Selection
Model
Output Current
Ripple &
Total
OVP***
Number
Volts
w/200LFM air
Convection
Fan Output
Noise**
Regulation
Threshold***
CINT1175A1206K01
12V
14.6A
11.7A
12Vdc/0.4A
0.5%RMS,
1.2% pk-pk
3%
14.0
 1.1V
CINT1175A1506K01
15V
11.7A
9.3A
12Vdc/0.4A
0.5%RMS,
1.0% pk-pk
3%
18.5 ± 1.5V
CINT1175A2406K01
24V
7.3A
5.8A
12Vdc/0.4A
0.5%RMS,
1.2% pk-pk
3%
28.0 ± 2.5V
CINT1175A4806K01
48V
3.6A
2.9A
12Vdc/0.4A
0.5%RMS,
1.0% pk-pk
3%
55.0 ± 4.0V
CINT1175A5606K01
56V
3.1A
2.5A
12Vdc/0.4A
0.5%RMS,
1.0% pk-pk
3%
59.0 ± 1.0V
Notes:
*
Total convection power is 120 Watts.
** Measured with noise probe directly across output terminals, and load terminated with 0.1μF ceramic and 10μF low ESR capacitors.
*** Output adjustment on 56V model will not exceed 56.2 volts.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
120–370Vdc
Turn On Time
Less than 2 sec. @115Vac (inversely
proportional to input voltage and thermistor
temperature)
Input Current
115Vac: 2A, 230Vac: 1A
Hold-up Time
16mS, typical
Inrush Current
264Vac, cold start: will not exceed 50A
Signals
AC Power Fail, DC OK


Similar Part No. - CINT1175

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175A SLPOWER-CINT1175A Datasheet
1Mb / 8P
175W Single Output Industrial Series
CINT1175A1206K01 SLPOWER-CINT1175A1206K01 Datasheet
1Mb / 8P
175W Single Output Industrial Series
CINT1175A1206K01 SLPOWER-CINT1175A1206K01 Datasheet
1Mb / 8P
175W Single Output Industrial Series
CINT1175A1506K01 SLPOWER-CINT1175A1506K01 Datasheet
1Mb / 8P
175W Single Output Industrial Series
CINT1175A1506K01 SLPOWER-CINT1175A1506K01 Datasheet
1Mb / 8P
175W Single Output Industrial Series
More results

Similar Description - CINT1175

ManufacturerPart #DatasheetDescription
logo
Power-One
FCP600-48 POWER-ONE-FCP600-48 Datasheet
164Kb / 6P
highly-efficient ac-dc power supply
logo
SL Power Electronics
CINT1275 SLPOWER-CINT1275 Datasheet
719Kb / 9P
A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
logo
ULTRA LEVEL TECH CO., L...
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
RL0402 ULC-RL0402 Datasheet
373Kb / 3P
AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
logo
Arch Electronics Corp.
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
AC-DC ITE & Medical Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com