Electronic Components Datasheet Search
  English  ▼

X  

PE6085 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6085
Description  50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6085 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6085 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6085 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6085 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/0.5-watts-2.92mm-male-rf-load-up-to-40-ghz-precision-pe6085-p.aspx
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz from Pasternack Enterprises has same day shipment for
domesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%availabilityandarepartofthe
broadest selection in the industry.
PE6085
PE6085 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com