Electronic Components Datasheet Search
  English  ▼

X  

PE6085 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6085
Description  50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6085 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6085 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6085 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6085 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
50 Ohm 0.5 Watts Precision Passivated Stainless Steel 2.92mm Male RF Load Up To 40 GHz
Pasternack Enterprises line of 2.92mm Terminations are available in 0.5 Watt, 1 Watt and 2 Watt versions and operate
from DC to 40 GHz. Our 2.92mm Terminations are manufactured for durability with Passivated Stainless Steel bodies
and Gold Plated BeCu (Beryllium Copper) contacts and are with a Chain or No Chain. Pasternack’s Male and Female
2.92mm Terminations will mate with 2.92mm, 3.5mm and SMA connectors.
• DC to 40 GHz
• 0.5W, 1W and 2W versions
• Passivated Stainless Steel bodies
• Gold plated BeCu contacts
• Chain and No Chain options
Configuration
Connector Design
Precision
Connector
2.92mm Male
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Impedance, Ohms
50
Maximum VSWR
1.2:1
Maximum Input Power, Watts
0.5
Maximum RF Leakage, dB
90
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
0.58 [14.73]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.008 [3.63]
Connector
Type
2.92mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PEI
PE6085
PE6085 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: 50 Ohm 0.5 Watts Precision Passivated Stainless Steel 2.92mm Male RF Load Up To 40 GHz
PE6085


Similar Part No. - PE6085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6085 PASTERNACK-PE6085 Datasheet
416Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6085 PASTERNACK-PE6085_16 Datasheet
416Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
More results

Similar Description - PE6085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6086 PASTERNACK-PE6086 Datasheet
350Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz
PE6087 PASTERNACK-PE6087 Datasheet
370Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load Up To 40 GHz
PE6088 PASTERNACK-PE6088 Datasheet
354Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load With Chain Up To 40 GHz
PE6173 PASTERNACK-PE6173 Datasheet
353Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load Up To 40 GHz
PE6174 PASTERNACK-PE6174 Datasheet
368Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load with Chain Up To 40 GHz
PE6175 PASTERNACK-PE6175 Datasheet
357Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Female RF Load Up To 40 GHz
PE6176 PASTERNACK-PE6176 Datasheet
360Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6177 PASTERNACK-PE6177 Datasheet
358Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up with Chain To 40 GHz
PE6800 PASTERNACK-PE6800 Datasheet
206Kb / 2P
50 Ohm 0.5 Watts WR-28 RF Load Up To 40 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com