Electronic Components Datasheet Search
  English  ▼

X  

OP250 Datasheet(PDF) 12 Page - Analog Devices

Part # OP250
Description  CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP250 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP250 Datasheet HTML 8Page - Analog Devices OP250 Datasheet HTML 9Page - Analog Devices OP250 Datasheet HTML 10Page - Analog Devices OP250 Datasheet HTML 11Page - Analog Devices OP250 Datasheet HTML 12Page - Analog Devices OP250 Datasheet HTML 13Page - Analog Devices OP250 Datasheet HTML 14Page - Analog Devices OP250 Datasheet HTML 15Page - Analog Devices OP250 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP250/OP450
REV. 0
–12–
be connected from the output to ground in parallel with the ca-
pacitive load as shown in Figure 33. The proper snubber net-
work on the output can significantly reduce output overshoot,
although it will not increase the bandwidth. Table I shows some
snubber network values for a given capacitive load. In practice,
these values are best determined empirically based on the exact
capacitive load for the application.
+5V
RS
5
VOUT
VIN
100mV p-p
OP250
CL
47nF
CS
1 F
Figure 33. Schematic for Using a Snubber Network
Table I. Snubber Network for Large Capacitive Loads
Load Capacitance (CL)
Snubber Network (RS, CS)
1 nF
60
Ω, 30 nF
10 nF
20
Ω, 1 µF
100 nF
3
Ω, 10 µF
Figure 34 shows the output of an OP250 in a unity gain configu-
ration with a 1 nF capacitive load. Figure 35 shows the improve-
ment in the output response with the snubber network added.
2µs
50mV
CL = 1nF
RL = 10k
VIN = 100mVp-p @ 100kHz
Figure 34. Output of OP250 without Snubber Network
2µs
50mV
CL = 1nF
RL = 10k
VIN = 100mVp-p @ 100kHz
Figure 35. Output of OP250 with Snubber Network
For more information on methods to drive a capacitive load with
an op amp, please refer to the Ask the Applications Engineer ar-
ticle in Analog Dialogue, Vol. 31, Number 2, 1997.
Single Supply Differential Line Driver
Figure 36 shows a single supply differential line driver circuit
that can drive a 600
Ω load with less than 0.1% distortion. The
design uses an OP450 to mimic the performance of a fully bal-
anced transformer based solution. However, this design occupies
much less board space while maintaining low distortion and can
operate down to dc. Like the transformer based design, either
output can be shorted to ground for unbalanced line driver ap-
plications without changing the circuit gain of 1.
RL
600
C1
22 F
A2
7
6
5
3
1
2
A1
+5V
R1
10k
R2
10k
R11
10k
R7
10k
6
7
5
A1
+12V
+5V
R8
100k
R9
100k
C2
1 F
R12
10k
R14
50
A2
1
2
3
R3
10k
R6
10k
R13
10k
C3
47 F
VO1
VO2
C4
47µF
A1, A2 = 1/2 OP250
GAIN = R3
R2
SET: R7, R10, R11 = R2
SET: R6, R12, R13 = R3
VIN
R10
10k
R5
50
Figure 36. A Low Noise, Single Supply Differential Line Driver
R8 and R9 set up the common mode output voltage equal to
half of the supply voltage. C1 is used to couple the input signal
and can be omitted if the input’s dc voltage is equal to half of
the supply voltage.
The circuit can also be configured to provide additional gain if
desired. The gain of the circuit is:
A
V
V
R
R
V
OUT
IN
==
3
2
(5)
Where: VOUT = VO1 – VO2,
R2 = R7 = R10 = R11 and,
R3 = R6 = R12 = R13
Multimedia Headphone Amplifier
Because of its large output drive, the OP250 makes an excellent
headphone amplifier, as illustrated in Figure 37. Its low supply
operation and rail-to-rail inputs and outputs can maximize out-
put signal swing on a single +5 V supply. In Figure 37, the am-
plifier inputs are biased halfway between the supply voltages,
which in this application is 2.5 V. A 10
µF capacitor prevents
power supply noise from contaminating the audio signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com