Electronic Components Datasheet Search
  English  ▼

X  

OP250 Datasheet(PDF) 2 Page - Analog Devices

Part # OP250
Description  CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP250 Datasheet(HTML) 2 Page - Analog Devices

  OP250 Datasheet HTML 1Page - Analog Devices OP250 Datasheet HTML 2Page - Analog Devices OP250 Datasheet HTML 3Page - Analog Devices OP250 Datasheet HTML 4Page - Analog Devices OP250 Datasheet HTML 5Page - Analog Devices OP250 Datasheet HTML 6Page - Analog Devices OP250 Datasheet HTML 7Page - Analog Devices OP250 Datasheet HTML 8Page - Analog Devices OP250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
OP250/OP450–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
8mV
–40
°C < T
A < +125
°C20
mV
Input Bias Current
IB
240
pA
–40
°C < T
A < +85
°C60
pA
–40
°C < T
A < +125
°C
500
pA
Input Offset Current
IOS
0.5
25
pA
–40
°C < T
A < +125
°C60
pA
Input Voltage Range
03
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 3 V
40
55
dB
–40
°C < T
A < +125
°C35
dB
Large Signal Voltage Gain
AVO
RL = 2 k
Ω , V
O = 0.3 V to 2.7 V
800
V/mV
Offset Voltage Drift
∆V
OS/∆T10
µV/°C
Bias Current Drift
∆I
B/
∆T
1.8
pA/
°C
Offset Current Drift
∆I
OS/
∆T
0.07
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100
µA
2.99
V
IL = 10 mA
2.85
2.94
V
–40
°C to +125°C
2.8
V
Output Voltage Low
VOL
IL = 100
µA1
mV
IL = 10 mA
55
100
mV
–40
°C to +125°C
125
mV
Output Current
IOUT
100
mA
Open Loop Impedance
ZOUT
f = 1 MHz, AV = 1
180
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 6 V
60
80
dB
–40
°C < T
A < +125
°C55
dB
Supply Current/Amplifier
ISY
VO = 0 V
700
1,000
µA
–40
°C < T
A < +125
°C
1,250
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
Ω
1.9
V/
µs
Settling Time
tS
To 0.01%
4
µs
Gain Bandwidth Product
GBP
0.95
MHz
Phase Margin
Øo
46
Degrees
Channel Separation
CS
f = 1 kHz, RL = 10 k
Ω
100
dB
NOISE PERFORMANCE
Voltage Noise
en p–p
0.1 Hz to 10 Hz
10
µV p–p
Voltage Noise Density
en
f = 1 kHz
45
nV/
√Hz
f = 10 kHz
30
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/
√Hz
Specifications subject to change without notice.
(VS =
3.0 V, TA =
25 C, VCM = 1.5 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com