Electronic Components Datasheet Search
  English  ▼

X  

STP260N6F6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP260N6F6
Description  N-channel 60 V, 0.0024 Ω, 120 A STripFET™VI DeepGATE??Power MOSFET in TO-220 and I²PAK packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP260N6F6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP260N6F6 Datasheet HTML 3Page - STMicroelectronics STP260N6F6 Datasheet HTML 4Page - STMicroelectronics STP260N6F6 Datasheet HTML 5Page - STMicroelectronics STP260N6F6 Datasheet HTML 6Page - STMicroelectronics STP260N6F6 Datasheet HTML 7Page - STMicroelectronics STP260N6F6 Datasheet HTML 8Page - STMicroelectronics STP260N6F6 Datasheet HTML 9Page - STMicroelectronics STP260N6F6 Datasheet HTML 10Page - STMicroelectronics STP260N6F6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STI260N6F6, STP260N6F6
Electrical characteristics
Doc ID 17467 Rev 5
7/14
Figure 8.
Gate charge vs. gate-source
voltage
Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs. temperature
Figure 11.
Normalized on resistance vs.
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
50
Qg(nC)
(V)
200
8
100
150
10
VDD=30V
ID=120A
12
AM09073v1
C
1000
100
0.1
10
VDS(V)
(pF)
1
10000
Ciss
Coss
Crss
f=1MHz
AM09074v1
VGS(th)
0.8
0.6
0.4
0.2
-75
TJ(°C)
(norm)
-25
1.0
75
25
125
175
ID=250µA
1.2
AM09075v1
RDS(on)
2.0
1.5
1.0
0.5
-75
TJ(°C)
(norm)
-25
75
25
125
175
0
ID=60A
VGS=10V
AM09076v1
VSD
0
40
ISD(A)
(V)
20
100
60
80
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ=-55°C
TJ=150°C
TJ=25°C
120
AM09077v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com