Electronic Components Datasheet Search
  English  ▼

X  

STP260N6F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP260N6F6
Description  N-channel 60 V, 0.0024 Ω, 120 A STripFET™VI DeepGATE??Power MOSFET in TO-220 and I²PAK packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP260N6F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP260N6F6 Datasheet HTML 1Page - STMicroelectronics STP260N6F6 Datasheet HTML 2Page - STMicroelectronics STP260N6F6 Datasheet HTML 3Page - STMicroelectronics STP260N6F6 Datasheet HTML 4Page - STMicroelectronics STP260N6F6 Datasheet HTML 5Page - STMicroelectronics STP260N6F6 Datasheet HTML 6Page - STMicroelectronics STP260N6F6 Datasheet HTML 7Page - STMicroelectronics STP260N6F6 Datasheet HTML 8Page - STMicroelectronics STP260N6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2012
Doc ID 17467 Rev 5
1/14
14
STI260N6F6
STP260N6F6
N-channel 60 V, 0.0024
Ω, 120 A STripFET™ VI DeepGATE™
Power MOSFET in TO-220 and I²PAK packages
Features
■ Low gate charge
■ Very low on-resistance
■ High avalanche ruggedness
Application
■ Switching applications
Description
These devices are N-channel Power MOSFETs
developed using the 6th generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFETs exhibits
the lowest RDS(on) in all packages.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on) max
ID
STI260N6F6
STP260N6F6
60 V
< 0.003
Ω
120 A
TO-220
I²PAK
1
2
3
TAB
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STI260N6F6
260N6F6
I²PAK
Tube
STP260N6F6
TO-220
www.st.com


Similar Part No. - STP260N6F6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP260N6F6 ISC-STP260N6F6 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP260N6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
N-channel 75 V, 3 mΩ, 120 A TO-220 STripFET™VI DeepGATE??Power MOSFET
02-May-2011
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
20-Jun-2012
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STFI260N6F6 STMICROELECTRONICS-STFI260N6F6 Datasheet
658Kb / 12P
N-channel 60 V, 0.0024 Ω, 80 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAKFP package
13-Apr-2012
STI360N4F6 STMICROELECTRONICS-STI360N4F6 Datasheet
183Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
08-Aug-2012
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
13-Aug-2012
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com