Electronic Components Datasheet Search
  English  ▼

X  

PLH16 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLH16
Description  PC terminal block, Nom. voltage: 400 V, Pitch: 10 mm, Number of positions: 5, Type of connection: Spring-cage conn., Assembly: Soldering, Conductor/PCB connection direction: 0 째, Color: green
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLH16 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLH16 Datasheet HTML 1Page - PHOENIX CONTACT PLH16 Datasheet HTML 2Page - PHOENIX CONTACT PLH16 Datasheet HTML 3Page - PHOENIX CONTACT PLH16 Datasheet HTML 4Page - PHOENIX CONTACT PLH16 Datasheet HTML 5Page - PHOENIX CONTACT PLH16 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Jul 23, 2010
Extract from the online
catalog
 
PLH 16/ 5-10
Order No.: 1770429
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1770429
 
 
PC terminal block, Nom. voltage: 400 V, Pitch: 10 mm, Number
of positions: 5, Type of connection: Spring-cage conn., Assembly:
Soldering, Conductor/PCB connection direction: 0 °, Color: green
 
Commercial data
GTIN (EAN)
4046356458306
Note
Made-to-order
sales group
E540
Pack
25 pcs.
Customs tariff
85369010
Weight/Piece
0.038328 KG
Catalog page information
Page 343 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
10/02/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
10 mm
Dimension a
40 mm
Number of positions
5
Pin dimensions
1,2 x 1,2 mm


Similar Part No. - PLH16

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLH10AN1112R6P2B MURATA-PLH10AN1112R6P2B Datasheet
199Kb / 3P
Operating Temperature Range
PLH10AN1522R0A2B MURATA-PLH10AN1522R0A2B Datasheet
491Kb / 24P
EMI Suppression Filters for AC Power Lines
PLH10AN1522R0A2M MURATA-PLH10AN1522R0A2M Datasheet
491Kb / 24P
EMI Suppression Filters for AC Power Lines
PLH10AN1522R0B2B MURATA-PLH10AN1522R0B2B Datasheet
491Kb / 24P
EMI Suppression Filters for AC Power Lines
PLH10AN1522R0B2M MURATA-PLH10AN1522R0B2M Datasheet
491Kb / 24P
EMI Suppression Filters for AC Power Lines
More results

Similar Description - PLH16

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
Connection honeycomb, Connection type: Screw mounting, Number of positions
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
3031322 PHOENIX-3031322 Datasheet
178Kb / 5P
Ground modular terminal block, Type of connection: Spring-cage connection, Spring-cage connection
1017503 PHOENIX-1017503 Datasheet
406Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017504 PHOENIX-1017504 Datasheet
401Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017506 PHOENIX-1017506 Datasheet
402Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017507 PHOENIX-1017507 Datasheet
400Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com