Electronic Components Datasheet Search
  English  ▼

X  

PLH16 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLH16
Description  PC terminal block, Nom. voltage: 400 V, Pitch: 10 mm, Number of positions: 5, Type of connection: Spring-cage conn., Assembly: Soldering, Conductor/PCB connection direction: 0 째, Color: green
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLH16 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLH16 Datasheet HTML 1Page - PHOENIX CONTACT PLH16 Datasheet HTML 2Page - PHOENIX CONTACT PLH16 Datasheet HTML 3Page - PHOENIX CONTACT PLH16 Datasheet HTML 4Page - PHOENIX CONTACT PLH16 Datasheet HTML 5Page - PHOENIX CONTACT PLH16 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLH 16/ 5-10 Order No.: 1770429
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1770429
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Jul 23, 2010
Diagrams/Drawings
Drilling plan/solder pad geometry
Diagram
Type: PLH 16/...-10-ZF
Test based on DIN EN 60512-5-2:2003-01
Number of positions: 3
Conductor cross-section: 16 mm2 (only for solid conductors)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com