Electronic Components Datasheet Search
  English  ▼

X  

IR3558 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3558
Description  The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3558 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3558 Datasheet HTML 7Page - International Rectifier IR3558 Datasheet HTML 8Page - International Rectifier IR3558 Datasheet HTML 9Page - International Rectifier IR3558 Datasheet HTML 10Page - International Rectifier IR3558 Datasheet HTML 11Page - International Rectifier IR3558 Datasheet HTML 12Page - International Rectifier IR3558 Datasheet HTML 13Page - International Rectifier IR3558 Datasheet HTML 14Page - International Rectifier IR3558 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
September 10, 2012 | FINAL DATASHEET
11
IR3558
45A Integrated PowIRstage®
TYPICAL OPERATING CHARACTERISTICS (CONTINUED)
Circuit of Figure 32, VIN=12V, VOUT=1.2V, ƒSW=400kHz, L=150nH (0.29mΩ), VCC=5V, HVCC=LVCC=7V, TAMB=25°C, no heat sink,
no air flow, 8-layer PCB board of 3.7” (L) x 2.6” (W), no PWM controller loss, no inductor loss, unless specified otherwise.
Figure 20: Switching Waveform in Tri-state Mode, IOUT = 40A
Figure 21: PWM to SW Delays in Tri-state Mode, IOUT = 10A
Figure 22: PWM Tri-state Delays in Tri-state Mode, IOUT = 10A
Figure 23: PWM Tri-state Delays in Tri-state Mode, IOUT = 10A
Figure 24: Switching Waveform in ATL Mode, IOUT = 0A
Figure 25: Switching Waveform in ATL Mode, IOUT = 40A
PWM
2V/div
SW
5V/div
GATEL
10V/div
400ns/div
PWM
2V/div
SW
5V/div
GATEL
10V/div
400ns/div
PWM
5V/div
SW
5V/div
GATEL
10V/div
400ns/div
PWM
2V/div
GATEL
5V/div
100ns/div
SW
5V/div
PWM
2V/div
GATEL
5V/div
100ns/div
SW
5V/div
PWM
5V/div
SW
5V/div
40ns/div
GATEL
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com