Electronic Components Datasheet Search
  English  ▼

X  

IR3558 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3558
Description  The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3558 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3558 Datasheet HTML 9Page - International Rectifier IR3558 Datasheet HTML 10Page - International Rectifier IR3558 Datasheet HTML 11Page - International Rectifier IR3558 Datasheet HTML 12Page - International Rectifier IR3558 Datasheet HTML 13Page - International Rectifier IR3558 Datasheet HTML 14Page - International Rectifier IR3558 Datasheet HTML 15Page - International Rectifier IR3558 Datasheet HTML 16Page - International Rectifier IR3558 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
September 10, 2012 | FINAL DATASHEET
13
IR3558
45A Integrated PowIRstage®
THEORY OF OPERATION
DESCRIPTION
The IR3558 PowIRstage® is a synchronous buck driver with
co-packed MOSFETs with integrated Schottky diode, which
provides system designers with ease of use and flexibility
required in cutting edge CPU, GPU and DDR memory
power delivery designs and other high-current low-profile
applications.
The IR3558 is designed to work with a PWM controller.
It accepts either regular 3.3V tri-state PWM signal or
International Rectifier’s Active Tri-Level (ATL) PWM signal,
which is selectable by MODE pin.
The IR3558 provides Enable input to control the converter
output and reduce quiesecent current.
The IR3558 provides a over temperature fault signal
capable of detecting an over-temperature condition in the
vicinity of the power stage. The over-temperature
threshold is programmable from 70°C to 150°C.
PWM MODE SELECTION
The IR3558 features a MODE pin which allows operation
with two different PWM signal levels. Grounding the
MODE pin allows the IR3558 to accept a regular tri-state
PWM with signal from 0V to 3.3V for low to high
transitions. A PWM voltage level in the tri-state window of
0.85V and 2.55V for 80ns hold off time results in turning
off both the control and synchronous MOSFETs. Floating
MODE pin or connecting it to VCC enables the IR3558 to
accept IR’s proprietary ATL mode, in which the PWM
voltage level is from 0V to 1.8V for low to high transitions.
A PWM voltage level greater than the tri-state high
threshold (2.5V typical) turns off both the control and
synchronous MOSFETs.
REGULAR 3.3V PWM MODE
If MODE pin is grounded, the IR3558 accepts regular 3-
level 3.3V PWM input signals. As shown in Figure 6, when
PWM input is above VPWM_HIGH, the synchronous MOSFET is
turned off and the control MOSFET is turned on. When
PWM input is below VPWM_LOW, the control MOSFET is
turned off and synchronous MOSFET is turned on. If PWM
pin is floated, the built-in resistors pull the PWM pin into a
tri-state region centered around 1.6V. Figures 19-23 show
the PWM input and the corresponding SW and GATEL
output of the IR3558.
ACTIVE TRI-LEVEL PWM MODE
When MODE pin is floating, the IR3558 accepts a unique
tri-level PWM control signal provided by an IR digital PWM
controller. As shown in Figure 7, the rising and falling
edges of the PWM signal transition between 0V and 1.8V
to switch both the control and synchronous MOSFETs
during normal PWM operation. To turn both MOSFETs off
simultaneously, the PWM signal crosses a tri-state voltage
level higher than the VATL_TRI_HIGH threshold (2.5V typical).
This threshold based tri-state results in a very fast disable
with only a small propagation delay. MOSFET switching
resumes when the PWM signal falls below the VATL_TRI_LOW
threshold (2.3V typical) into the normal PWM operating
voltage range. Figures 24-28 show the PWM input and the
corresponding SW and GATEL output of the IR3558.
This fast tri-state operation eliminates the need for the
PWM signal to dwell in the shutdown window, eliminating
the delay time created by the PWM pull-up and pull-down
resistors with the PWM trace routing capacitance. A
dedicated Body-Braking® pin is not required, which
simplifies the routing and layout.
One advantage of the ATL is the ability to quickly turn-off
all synchronous MOSFETs during a load release event. This
is known as Body-Braking® since all the load current is
forced to flow momentarily through the body diodes of the
MOSFETs, which discharges the inductor current faster and
results in a much lower overshoot on the output voltage.
The IR3558 provides a 1mA typical pull-up current to drive
the PWM input to the tri-state condition of 3.3V when the
PWM controller output is in its high impedance state. The
1mA typical current is designed for driving worst case stray
capacitances and transition the IR3558 into the tri-state
condition rapidly to avoid a prolonged period of
conduction of the control or synchronous MOSFET during
faulty conditions. Once the PWM signal has been pulled
up, the 1mA current is disabled to reduce power
consumption.
ENABLE CONTROL
EN is a 3.3V logic input. Logic low disables PWM operation
and places the power stage in tri-state, as shown in Figure
29. It also places the driver in a low power state with
minimum quiescent current. Logic high enables the device.
INTEGRATED BOOTSTRAP DIODE
The bootstrap circuit is used to establish the gate voltage
for the high-side driver. It consists of a diode and capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com