Electronic Components Datasheet Search
  English  ▼

X  

PLH5 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PLH5
Description  PCB terminal block, Nominal current: 41 A, Nom. voltage: 1000 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLH5 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PLH5 Datasheet HTML 1Page - PHOENIX CONTACT PLH5 Datasheet HTML 2Page - PHOENIX CONTACT PLH5 Datasheet HTML 3Page - PHOENIX CONTACT PLH5 Datasheet HTML 4Page - PHOENIX CONTACT PLH5 Datasheet HTML 5Page - PHOENIX CONTACT PLH5 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PLH 5/ 2-7,5-ZF Order No.: 1792106
http://catalog.phoenixcontact.net/phoenix/treeViewClick.do?UID=1792106
PHOENIX CONTACT GmbH & Co. KG
Page 4 / 6
http://www.phoenixcontact.com
Feb 21, 2013
Functional drawing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com