Electronic Components Datasheet Search
  English  ▼

X  

PLH5 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLH5
Description  PCB terminal block, Nominal current: 41 A, Nom. voltage: 1000 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLH5 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLH5 Datasheet HTML 1Page - PHOENIX CONTACT PLH5 Datasheet HTML 2Page - PHOENIX CONTACT PLH5 Datasheet HTML 3Page - PHOENIX CONTACT PLH5 Datasheet HTML 4Page - PHOENIX CONTACT PLH5 Datasheet HTML 5Page - PHOENIX CONTACT PLH5 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT GmbH & Co. KG
Page 1 / 6
http://www.phoenixcontact.com
Feb 21, 2013
Extract from the online
catalog
 
PLH 5/ 2-7,5-ZF
Order No.: 1792106
http://catalog.phoenixcontact.net/phoenix/treeViewClick.do?UID=1792106
 
 
PCB terminal block, Nominal current: 41 A, Nom. voltage: 1000 V,
Pitch: 7.5 mm, Number of positions: 2, Connection method: Spring-
cage conn., Mounting: Soldering, Conductor/PCB connection direction:
0 °, Color: green
 
Commercial data
EAN
4
046356
610667
Note
Made-to-order
sales group
E520
Pack
25 Pcs.
Customs tariff
85369010
Gross weight in pieces
0.009198 KG
Net weight per piece
0.001 KG
Product notes
WEEE/RoHS-compliant since:
08/10/2010
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.5 mm
Dimension a
7.5 mm
Number of positions
2
Pin dimensions
1,2 x 1,5 mm


Similar Part No. - PLH5

ManufacturerPart #DatasheetDescription
logo
Thurlby Thandar Instrum...
PLH AIM-TTI-PLH Datasheet
1Mb / 7P
120V & 250V linear regulated laboratory power supplies
PLH-P AIM-TTI-PLH-P Datasheet
589Kb / 1P
Laboratory Power Supplies
PLH-P AIM-TTI-PLH-P Datasheet
1Mb / 7P
120V & 250V linear regulated laboratory power supplies
logo
P-tec Corporation
PLH0025-WCR08 P-TEC-PLH0025-WCR08 Datasheet
1Mb / 13P
Dome Lens SMD LED
PLH006-WCG13 P-TEC-PLH006-WCG13 Datasheet
29Kb / 1P
PLH006-WCG13
More results

Similar Description - PLH5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1870909 PHOENIX-1870909 Datasheet
121Kb / 4P
PCB terminal block, nominal current: 22 A, nom. voltage: 400 V, pitch: 5.08 mm
1789621 PHOENIX-1789621 Datasheet
64Kb / 4P
PCB terminal block - FFKDSA1/V-6,35
1789647 PHOENIX-1789647 Datasheet
83Kb / 5P
PCB terminal block - FFKDS/V-3,81
logo
Adels-Contact
412802 ADELS-412802 Datasheet
135Kb / 1P
Terminal Block, 2 pole, Insulating Material: Porcelain, Cross- Section: 6.0 mm², Voltage Rating: 450 V, Current Rating: 41 A
29/01/2020
logo
PHOENIX CONTACT
1774603 PHOENIX-1774603 Datasheet
104Kb / 5P
PCB terminal block - SPT 1,5/ 8-V-3,5 BKBDWH:41-48Q
11/04/2018
logo
List of Unclassifed Man...
MB1F ETC-MB1F Datasheet
462Kb / 3P
VOLTAGE RANGE - 100 to 1000 V CURRENT - 0.8 A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com