Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices SSM2166 Datasheet HTML 10Page - Analog Devices SSM2166 Datasheet HTML 11Page - Analog Devices SSM2166 Datasheet HTML 12Page - Analog Devices SSM2166 Datasheet HTML 13Page - Analog Devices SSM2166 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SSM2166
REV. A
–10–
CX
1000pF
C1
0.1 F
AUDIO IN
(RS > 5k )
7
+IN
SSM2166
NOTE: ADDITIONAL CIRCUIT DETAILS
OMITTED FOR CLARITY.
Figure 21. Circuit Configuration for Use with High
Impedance Signal Sources
The value of the C7 should be the same as C6, the capacitor
value used between BUFOUT and VCAIN. This connection makes
the source ground noise appear as a common-mode signal to the
VCA, allowing the common-mode noise to be rejected by the
VCA’s differential input circuitry. C7 can also be useful in
reducing ground loop problems and in reducing noise coupling
from the power supply by balancing the impedances connected
to the inputs of the internal VCA.
SSM2166 Evaluation Board
A schematic diagram of the SSM2166 evaluation board, avail-
able upon request from Analog Devices, is illustrated in Figure
22. As a design aid, the layouts for the topside silkscreen,
topside and backside metallization layers are shown in Figures
23a, b, and c. Although not shown to scale, the finished dimen-
sion of the evaluation board is 3.5 inches by 3.5 inches, and
comes complete with pin sockets and a sample of the SSM2166.
Figure 22. Evaluation Board
ROT PT.
ADJ
NOISE
GATE
ADJ
9
R7
1M
CW
R8
1k
C3
0.1 F
+V
R12
100k
J3
NOISE
GATE
POWER
DN
V+
14
BUFOUT
VCAIN
C6
10 F
+
53
VCAR
7
+INPUT
MIC
PWR
INPUT
JACK
1/8"
PHONE
C1
0.1 F
3
1
2
C7
10 F
+
4
GAIN
ADJUST
MUTE
SWITCH
R11
330
2
R9
1k
CW
R10
20k
C5
0.01 F
GAIN
ADJ
AVG
CAP
+
8
C4
22 F
1
–INPUT
SSM2166
6
R2
10k
C2
1 F
COMP
RATIO
10
CW
R6
100k
COMP
RATIO
13
5
4
OP113
6
7
OUTPUT
JACK
RCA
PHONO
OUTPUT
CW
R3
50k
R4
1k
ROTATION
PT ADJ
11
R1
10k
12
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com