Electronic Components Datasheet Search
  English  ▼

X  

SSM2250 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2250
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2250 Datasheet HTML 2Page - Analog Devices SSM2250 Datasheet HTML 3Page - Analog Devices SSM2250 Datasheet HTML 4Page - Analog Devices SSM2250 Datasheet HTML 5Page - Analog Devices SSM2250 Datasheet HTML 6Page - Analog Devices SSM2250 Datasheet HTML 7Page - Analog Devices SSM2250 Datasheet HTML 8Page - Analog Devices SSM2250 Datasheet HTML 9Page - Analog Devices SSM2250 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SSM2250
–8–
REV. 0
Continuing from the previous example, the
θ
JA of the SSM2250
14-lead TSSOP package on a 4-layer board is 140
°C/W. To ensure
the SSM2250 die junction temperature stays below 150
°C, the
maximum ambient temperature can be solved using Equation 8.
T
150 C
P
AMB, MAX
JA
DISS, MAX
=+
° −
×
θ
=+
° −
°
×
()
150
140
0 633
C
C/W
W
.
(8)
=+ °
61 C
So the maximum ambient temperature must remain below 61
°C
to protect the device against thermal damage.
Another method for finding the maximum allowable ambient
temperature is to use the power derating curve in Figure 15.
The y-axis corresponds to the expected maximum power dissi-
pation, and the x-axis is the corresponding maximum ambient
temperature. Either method will return the same answer.
AMBIENT TEMPERATURE – C
1.0
0.8
0
0
100
25
50
75
0.6
0.4
0.2
14-LEAD TSSOP
JA = 140 C/W
10-LEAD MSOP
JA = 180 C/W
TJ,MAX = 150 C/W
FREE AIR
NO HEAT SINK
Figure 15. Maximum Power Dissipation vs. Ambient
Temperature
Maximum Output Power
The maximum amount of power that can be delivered to a
speaker is a function of the supply voltage and the resistance of
the speaker. Figure 15 shows the maximum BTL output power
possible from the SSM2250. Maximum output power is defined
as the point at which the output has greater than 1% distortion.
SUPPLY VOLTAGE – V
1.5
5.0
2.0
2.5
3.0
3.5
4.0
4.5
1.6
0
1.4
0.8
0.6
0.4
0.2
1.2
1.0
RL = 4
RL = 8
RL = 16
Figure 16. Maximum BTL Output Power vs. VS
To find the minimum supply voltage needed to achieve a speci-
fied maximum undistorted output power, simply use Figure 16.
The output power in SE mode is exactly one-fourth the equivalent
output power in BTL mode. This is because twice the voltage swing
across the two BTL outputs results in 4
the power delivered to the
load. Figure 17 shows the maximum output power in SE mode vs.
supply voltage for various headphone loads.
SUPPLY VOLTAGE – V
1.5
5.0
2.0
2.5
3.0
3.5
4.0
4.5
100
0
50
25
75
RL = 32
RL = 64
RL = 128
Figure 17. Maximum SE Output Power vs. VS
Example: An application requires only 500 mW to be output in
BTL Mode into an 8
Ω speaker. By inspection, the minimum
supply voltage required is 3.3 V.
Speaker Efficiency and Loudness
The effective loudness of 1 W of power delivered into an 8
Ω
speaker is a function of the efficiency of the speaker. The efficiency
of a speaker is typically rated at the sound pressure level (SPL) at
1 meter in front of the speaker with 1 W of power applied to the
speaker. Most speakers are between 85 dB and 95 dB SPL at one
meter at 1 W of power. Table I shows a comparison of the relative
loudness of different sounds.
Table I. Typical Sound Pressure Levels
Source of Sound
dB SPL
Threshold of Pain
120
Heavy Street Traffic
95
Cabin of Jet Aircraft
80
Average Conversation
65
Average Home at Night
50
Quiet Recording Studio
30
Threshold of Hearing
0
It can be easily seen that 1 W of power into a speaker can produce
quite a bit of acoustic energy.
Shutdown Feature
The SSM2250 can be put into a low power consumption shut-
down mode by connecting Pin 3 to VDD. In shutdown mode, the
SSM2250 has low supply current of 60
µA.
Pin 3 should be connected to ground for normal operation. Con-
necting Pin 3 to VDD will shut down all amplifiers and put all outputs
into a high impedance state, effectively muting the SSM2250. A
pull-up or pull-down resistor is not required. Pin 3 should never be
left floating as this could produce unpredictable results.
PC 99 Compliant Computer Audio Reference Design
The schematic shown in Figure 18 is a reference design for a
complete audio system in a computer. The design is compliant
with the PC 99 standard for computer audio.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com