Electronic Components Datasheet Search
  English  ▼

X  

SSM2250 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2250
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2250 Datasheet HTML 2Page - Analog Devices SSM2250 Datasheet HTML 3Page - Analog Devices SSM2250 Datasheet HTML 4Page - Analog Devices SSM2250 Datasheet HTML 5Page - Analog Devices SSM2250 Datasheet HTML 6Page - Analog Devices SSM2250 Datasheet HTML 7Page - Analog Devices SSM2250 Datasheet HTML 8Page - Analog Devices SSM2250 Datasheet HTML 9Page - Analog Devices SSM2250 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SSM2250
–9–
REV. 0
C7
0.1 F
C6
10 F
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
SSM2250
C4
10 F
+
1
2
3
4
5
6
7
NC
NC
R1
20k
NC
NC
AVDD = 5V
R3
1k
NC
R4
1k
R5
20k
C1
100 F
+
TO SPEAKER
TO SPEAKER+
C5
100 F
+
R2
100k
AVDD = 5V
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
14
13
12
11
10
9
8
C24
1 F
LINE IN RIGHT
C25
1 F
C27
1 F
C28
0.001 F
C30
1 F
R15
4.7k
R13
4.7k
C32
1 F
C33
1 F
R19
4.7k
R18
4.7k
NC
C31
1 F
R17
4.7k
R16
4.7k
AUX IN
MONO
PHONE
C29
1 F
R14
4.7k
R12
4.7k
C26
1 F
AUX
LEFT
PCBEEP
C22
1 F
C23
0.1 F
C9
1 F
C10
1 F
C13
0.047 F
C15
1 F
C16
270pF
C17
270pF
C12
0.1 F
C14
1 F
LINE OUT RIGHT
LINE OUT LEFT
AVDD = 5V
C21
0.1 F
C16
10 F
C19
0.1 F
R9
2k
R10
10k
R11
1k
RST#
SYNC
SDATA
IN 0
BITCLK
SDATA
OUT
C20
27pF
R8
47
Y1
24.576MHz
SMT
AC CLK
C11
22pF
C8
22pF
AVDD = 5V
NC
MONO OUT
AVDD = 5V
C3
0.1 F
C2
10 F
AD1881
LINE IN LEFT
MIC IN
CD GND
CD RIGHT
CD LEFT
R6
20k
R7
20k
NC = NO CONNECT
NC NC NC NC
NC NC NC
NC
NC
Figure 18. PC 99 Compliant Audio System Reference Design
The AD1881 is an AC’97 Ver. 2.1 audio codec available from
Analog Devices. The stereo output from the AD1881 is coupled
into the SSM2250, which is used to drive a mono internal
speaker and stereo headphones. The internal speaker switching
is controlled by the SSM2250 through the normalizing pin on
the headphone jack. The AD1881 controls the shutdown pin on
the SSM2250, and is activated through the power management
software drivers installed on the computer.
For more information on the AD1881, the data sheet
can be downloaded from the Analog Devices web site at
http://www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com