Electronic Components Datasheet Search
  English  ▼

X  

GEM600 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GEM600
Description  600W Single Output Economy/Technology Switchers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GEM600 Datasheet(HTML) 1 Page - SL Power Electronics

  GEM600 Datasheet HTML 1Page - SL Power Electronics GEM600 Datasheet HTML 2Page - SL Power Electronics GEM600 Datasheet HTML 3Page - SL Power Electronics GEM600 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
______________________________________________________________________________________________________________________________
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
AC Input
90-264VAC, 47-63 Hz single phase.
Turn On Time
Less than 2 seconds under all rated load conditions.
Input Current
120VAC: 9A, 230VAC: 4.5A.
Hold-up Time
≥20 ms from loss of AC input at 600W load, 120VAC input.
Inrush Current
Limited by internal thermistor. The inrush at 240VAC, averaged over
the first AC half-cycle under cold start conditions will not exceed 40A.
Over/Undershoot
3.5% max. at turn-on, 1% max. at turn-off.
Input Fuse
F1, F2: 12A, 250VAC fuses provided on all models.
Output Overload & Short Circuit Protection
Foldback, then cycle-by-cycle current limiting, automatic recovery.
Power Factor
0.99 typical, 0.96 minimum.
Overvoltage Protection
Latching type, recycle AC input to reset. See chart for trip levels.
Earth Leakage Current
120VAC: 75µA max. NC, 120µA max. SFC.
264VAC: 160µA max. NC, 300µA max. SFC.
Ripple and Noise
1% pk-pk max., 20MHz BW, differential mode. Measured with noise
probe directly across output terminals.
Output Power
600W continuous.
ITE Safety Standards
CSA/EN/IEC/UL 60950-1
Peak Output Power
650W for 1 minute, 10% duty cycle.
Medical Safety Standards
EN/IEC/UL 60601-1
Output Voltage
See chart.
Efficiency
>80% typical at full rated load
Voltage Adjustability
Adjustable potentiometer, capable of ±5% change from nominal.
Switching Frequency
140KHz main inverter and 70kHz PFC (synchronized).
Minimum Load
Not required.
MTBF
208K hours per Telcordia.
Total Regulation
See chart.
Overtemperature Protection
Automatic.
Transient Response
500µs max., 50% load step, ∆i/∆t < 0.2A/µs.
Weight
3.75 lbs. (1.70kg)
Enclosure Dimensions
See outline drawing
Signals
AC Power Fail: TTL “0” 10ms before the output drops to <97% of nom.
Inhibit:
Short inhibit pin to output common to Inhibit.
GEM600
600W Single Output Economy/Technology Switchers
Commercial and Medical
2 Year Warranty
•
600W Single Output AC-DC Power Supply
•
Universal Input 90-264 VAC
•
Standard: Active PFC, OVP, Power Fail and Inhibit (low)
•
Modified and Customized Designs also available
•
Complies with EMI/RFI Standards
•
Approved to EN/IEC/UL/CSA 60950-1 for ITE
•
Approved to EN/IEC/UL60601-1 for Medical
•
Compliant (LVD, RoHS)
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - GEM600

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GEM600-24 SLPOWER-GEM600-24 Datasheet
116Kb / 2P
Where VV is the output Voltage 24-48VDC, W is an Alpha character A or T, which represents the Input Connector, X is an alpha character A, B or T which represents the Output Connector...
GEM600-28 SLPOWER-GEM600-28 Datasheet
116Kb / 2P
Where VV is the output Voltage 24-48VDC, W is an Alpha character A or T, which represents the Input Connector, X is an alpha character A, B or T which represents the Output Connector...
GEM600-36 SLPOWER-GEM600-36 Datasheet
116Kb / 2P
Where VV is the output Voltage 24-48VDC, W is an Alpha character A or T, which represents the Input Connector, X is an alpha character A, B or T which represents the Output Connector...
GEM600-48 SLPOWER-GEM600-48 Datasheet
116Kb / 2P
Where VV is the output Voltage 24-48VDC, W is an Alpha character A or T, which represents the Input Connector, X is an alpha character A, B or T which represents the Output Connector...
More results

Similar Description - GEM600

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
50 to 600W Autoranging AC-DC Switchers
logo
DENSEI-LAMBDA
JWS50 LAMBDA-JWS50 Datasheet
349Kb / 5P
Single output 50W ~ 600W???
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
600W Single Output Power Supply
logo
XP Power Limited
CPP15US05 XPPOWER-CPP15US05 Datasheet
992Kb / 6P
Single Output Enclosed Switchers
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
600W Single Output Battery Charger
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
600W Single Output Power Supply
PB-600 MEANWELL-PB-600_11 Datasheet
441Kb / 5P
600W Single Output Battery Charger
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
600W Single Output Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com