Electronic Components Datasheet Search
  English  ▼

X  

GEM600 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GEM600
Description  600W Single Output Economy/Technology Switchers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GEM600 Datasheet(HTML) 2 Page - SL Power Electronics

  GEM600 Datasheet HTML 1Page - SL Power Electronics GEM600 Datasheet HTML 2Page - SL Power Electronics GEM600 Datasheet HTML 3Page - SL Power Electronics GEM600 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
______________________________________________________________________________________________________________________________
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
GEM600-24G
24V
25.0A
27.0A
240mV
±1.0%
30.0 ± 2V
GEM600-28G
28V
21.5A
23.5A
280mV
±1.0%
33.0 ± 3V
GEM600-36G
36V
16.7A
18.0A
360mV
±1.0%
43.0 ± 3V
GEM600-48G
48V
12.5A
13.5A
480mV
±1.0%
56.0 ± 4V
Note:
During 100mS voltage dip (5 cycles at 40%VAC), the AC Power Fail warning may trigger. During low line 100mS voltage dip, reduced loading to 50%
rated load is required to meet the deviation requirement and regulation.
Operating Temperature
-20° to 70°C. Derate output power for operation above 50°C. Fan
integral to the power supply.
Temperature Coefficient
0.03% per °C typical on all units.
Storage Temperature
-40 to +85°C
Output Power Derating
Derate Output Power by 2.5% per °C up to 70°C maximum.
Relative Humidity
5% to 95%, non-condensing
Thermal Shutdown
Provided to avoid prolonged over-temperature condition.
Vibration
Operating:
0.003 g
2/Hz, 1.5 g
rms overall, 3 axes, 10 min. / axis
Non-Operating:
0.026 g
2/Hz, 5.0 g
rms overall, 3 axes,
1 hr. / axis
Operating Altitude
-500 to 10,000 ft.
Shock
Operating:
Half-sine, 20 gpk, 10 ms, 3 axes, 6 shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3 axes, 6 shocks total
Non-operating Altitude
-500 to 40,000 ft.
RF Emissions
EN55011/22 and FCC Part 15, radiated Class A, conducted Class B.
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz..
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3V
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, see EN60601-1-2: 2001 chart below.
Line Frequency Harmonics
EN61000-3-2, Class A
Voltage Fluctuations/Flicker
EN61000-3-3, Complies (clause 5b)
Voltage Test Level
Input Voltage
Voltage Dip
Input Voltage
Duration
Periods
Output Voltage
Deviation
100VAC
<5 VAC
10mS
<3.5%
100VAC
40 VAC
100mS
<3.5%
100VAC
70 VAC
500mS
<3.5%
240VAC
<12 VAC
10mS
<3.5%
240VAC
96 VAC
100mS
<3.5%
240VAC
168 VAC
500mS
<3.5%
GEM600
600W Single Output Economy/Technology Switchers
Commercial and Medical
2 Year Warranty
Output Parameters
Model
Volts (V) ┌──────
Output Current
───────┐
Ripple
Total
OVP
Number
Nominal
Peak
& Noise
Regulation
Threshold
Environmental Specifications
EMI/EMC Compliance
EN60601-1-2: 2001 Voltage Sag Compliance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com