Electronic Components Datasheet Search
  English  ▼

X  

AMS1585 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1585
Description  4.6A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1585 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1585 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS1585
Monolithic
4.6A LOW DROPOUT VOLTAGE REGULATOR
Systems
FEATURES
APPLICATIONS
•• Three Terminal Adjustable or Fixed Voltages
•• High Efficiency Linear Regulators
1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
•• Post Regulators for Switching Supplies
•• Output Current of 4.6A
•• Microprocessor Supply
•• Operates Down to 1.35V Dropout
•• Battery Chargers
•• Load Regulation: 0.1%
•• Constant Current Regulators
•• Line Regulation: 0.015%
•• Notebook/Personal Computer Supplies
•• TO-220 and TO-263 packages available
•• Portable Instrumentation
GENERAL DESCRIPTION
The
The AMS1585 series of adjustable and fixed voltage regulators are designed to provide 4.6A output current and to operate
down to 1.35V input-to-output differential at maximum output current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS1585 devices are pin compatible with older three-terminal regulators and are offered in 3 lead TO-220 package and 3
lead TO-263 (Plastic DD).
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
3 Lead TO-220
3 Lead TO-263
TEMPERATURE RANGE
AMS1585CT
AMS1585CM
0 to 125
° C
AMS1585CT-1.5
AMS1585CM-1.5
0 to 125
° C
AMS1585CT-2.5
AMS1585CM-2.5
0 to 125
° C
AMS1585CT-2.85
AMS1585CM-2.85
0 to 125
° C
AMS1585CT-3.0
AMS1585CM-3.0
0 to 125
° C
AMS1585CT-3.3
AMS1585CM-3.3
0 to 125
° C
AMS1585CT-3.5
AMS1585CM-3.5
0 to 125
° C
AMS1585CT-5
AMS1585CM-5
0 to 125
° C
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- Ground
2- VOUT
3- VIN
1- Adjust
2- VOUT
3- VIN
1
2
3
TAB IS
OUTPUT
FRONT VIEW
1
2
3
TAB IS
OUTPUT
FRONT VIEW


Similar Part No. - AMS1585

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1585 ADMOS-AMS1585 Datasheet
87Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM ADMOS-AMS1585CM Datasheet
87Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-1.5 ADMOS-AMS1585CM-1.5 Datasheet
87Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-2.5 ADMOS-AMS1585CM-2.5 Datasheet
87Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-2.85 ADMOS-AMS1585CM-2.85 Datasheet
87Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1585

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX Datasheet
215Kb / 8P
4.6A LOW DROPOUT POSITIVE REGULATORS
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1585 ADMOS-AMS1585_05 Datasheet
87Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
4.6A Low Dropout Positive Regulators
logo
New Japan Radio
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com