Electronic Components Datasheet Search
  English  ▼

X  

AMS1585 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

Part # AMS1585
Description  4.6A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1585 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

  AMS1585 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1585
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-50 -25
0
25
50
75
125
0
100
50
0
2
4
6
8
10
12
0
10
5
14
100
150
4
3
2
1
9
8
7
6
Minimum Operating Current
(Adjustable only)
10
20
30
40
60
70
80
90
Adjust Pin Current
(Adjustable only)
TEMPERATURE (° C)
INPUT/OUTPUT DIFFERENTIAL (V)
T
J = 25° C
T
J = 150° C
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3 LEAD TO-220 PLASTIC PACKAGE (T)
0.330-0.370
0.050
(8.382-9.398)
0.090-0.110
(2.286-2.794)
(1.270)
TYP
0.390-0.415
(9.906-10.541)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.013-0.023
(0.330-0.584)
T (TO-220) AMS DRW# 042193
0.147-0.155
(3.734-3.937)
DIA
0.230-0.270
(5.842-6.858)
0.460-0.500
(11.684-12.700)
0.570-0.620
(14.478-15.748)
0.218-0.252
(5.537-6.401)
0.520-0.570
(13.208-14.478)
0.980-1.070
(24.892-27.178)
0.028-0.038
(0.711-0.965)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com