Electronic Components Datasheet Search
  English  ▼

X  

AMS2501 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS2501
Description  1A VERY LOW DROPOUT VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2501 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS2501 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS2501/AMS2502
APPLICATION HINTS
CONTROL
POWER
SENSE
AMS2501
OUTPUT
ADJ
LOAD
+
-
V
OUT
R
P
R
P
R1
R2
5V
3.3V
Figure 2. Remote Load Sensing
(
∆I
OUT)(RP)
TIME
V
OUT
FIGURE 1
V
OUT
FIGURE 2
I
OUT
Figure 3. Remote Sensing Improves Load Regulation
Voltage drops due to RP are not eliminated; they will add to the
dropout voltage of the regulator regardless of whether they are
inside or outside the regulation loop. The AMS2501/AMS2502
can control the voltage at the load as long as the input-output
voltage is greater than the total of the dropout voltage of the
device plus the voltage drop across RP.
Stability
The circuit design used in the AMS2501/AMS2502 series
requires the use of an output capacitor as part of the device
frequency compensation. The addition of 150
µF aluminum
electrolytic or a 22
µF solid tantalum on the output will ensure
stability for all operating conditions. For best frequency response
use capacitors with an ESR of less than 1
Ω.
In order to increase the transient response larger value capacitors
are needed. To limit the high frequency noise generated by the
load high quality bypass capacitors must be used. In order to limit
parasitic inductance (ESL) and resistance (ESR) in the capacitors
to acceptable limits, multiple small ceramic capacitors in addition
to high quality solid tantalum capacitors are required.
When the adjustment terminal is bypassed to improve the ripple
rejection, the requirement for an output capacitor increases. The
reference voltage is brought out specifically to allow this
capability.
Some of the loads generate large high frequency current
transients. The load current step contains higher order frequency
components than the output coupling network must handle until
the regulator throttles to the load current level. Because they
contain parasitic resistance and inductance, capacitors are not
ideal elements. These parasitic elements dominate the change in
output voltage at the beginning of a transient load step change.
The ESR of the output capacitors produces an instantaneous step
in output voltage (
∆V=∆I)(ESR). The ESL of the output
capacitors produces a droop proportional to the rate of change of
the output current (V= L)(
∆I/∆t). The output capacitance
produces a change in output voltage proportional to the time until
the regulator can respond (
∆V=∆t) (∆I/C). Figure 4 illustrates
these transient effects.
CAPACITANCE
EFFECTS
ESR
EFFECTS
ESL
EFFECTS
POINT AT WHICH REGULATOR
TAKES CONTROL
SLOPE, V/t =
∆I/C
Figure 4.
Output Voltage
The AMS2501/AMS2502 series develops a 1.25V reference
voltage between the Sense pin and the Adjust pin
(Figure5).
Placing a resistor between these two terminals causes a constant
current to flow through R1 and down through R2 to set the
overall output voltage. In general R1 is chosen so that this current
is the specified minimum load current of 10mA.The current out
of the Adjust pin is small, typically 40
µA and it adds to the
current from R1. Because IADJ
is very small it needs to be
considered only when very precise output voltage setting is
required. For best regulation the top of the resistor divider should
be connected directly to the Sense pin.
CONTROL
POWER
OUTPUT
AMS2501
SENSE
ADJ
R1
R2
V
OUT
V
REF
V
POWER
I
ADJ
50
µA
+
+
+
V
CONTROL
VOUT = VREF
(1+ R2/R1)+IADJR2
Figure 5. Setting Output Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com