Electronic Components Datasheet Search
  English  ▼

X  

AMS2501 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

Part # AMS2501
Description  1A VERY LOW DROPOUT VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2501 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

  AMS2501 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2501 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS2501/AMS2502
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.4
0.8
1.2
0
0
0
5
10
15
20
25
30
35
0
2
1
0
0.5
1.0
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
Control Pin Current vs
Output Current
Minimum Control Voltage
Dropout Voltage -
Minimum Power Voltage
TYPICAL
DEVICE
T
J
= 25° C
T
J = 125° C
T
J = 125° C
T
J = 25° C
1.0
0.2
0.6
1.4
0.4
0.8
1.2
1.0
0.2
0.6
1.4
0.4
0.8
1.2
1.0
0.2
0.6
1.4
Reference Voltage vs
Temperature
1.242
1.244
1.246
1.248
1.250
1.252
1.254
1.256
1.258
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (° C)
Load Current Step Response
50
µ/DIV
V
OUT
50
µV/DIV
1.5A
400mA
LOAD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com