Electronic Components Datasheet Search
  English  ▼

X  

AMS3107 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS3107
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3107 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS3107 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS3107
Monolithic
500mA LOW DROPOUT VOLTAGE REGULATOR
Systems
FEATURES
APPLICATIONS
•• Fixed and Adjustable Versions Available
•• Cellular Telephones
•• Output Current up to 500mA
•• Portable Consumer Equipment
•• Very Low Quiescent Current
•• Portable (Notebook) Computers
•• Reverse Battery Protection
•• Battery Powered Systems
•• Input-output Differential less than 0.6V
•• Portable Instrumentation
•• Short Circuit Protection
•• Radio Control Systems
•• Internal Thermal Overload Protection
•• CD/DVD drives
•• Load Dump Protection
•• Automotive
•• Overvoltage Protection
•• Mirror Image Insertion Protection
•• ON/OFF Pin
GENERAL DESCRIPTION
The AMS3107 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered
systems. These devices feature very low quiescent current of 0.8mA or less when supplying 50mA loads. This unique
characteristic and the extremely low input-output differential required for proper regulation (0.2V for output currents of
100mA) make the AMS3107 ideal to use for standby power systems.
Internal circuitry of AMS3107 is protected from input fault conditions caused by reverse battery installation or input voltages
that exceed maximum rated input voltage. During line transients, such as load dump (40V) when the input voltage to the
regulator can momentarily exceed the specified maximum operating voltage, the regulator will automatically shut down to
protect both internal circuits and the load. The AMS3107 series also includes internal current limiting, thermal shutdown, and
is able to withstand temporary power-up with mirror-image insertion.
The AMS3107 is offered in 3 lead TO-92, 8 lead SOIC, SOT-89, SOT-223 and TO-252 packages.
ORDERING INFORMATION
OUTPUT
PACKAGE TYPE
TEMP.
VOLTAGE
3L TO-92
SOT-89
TO-252
SOT-223
SO-8
RANGE
FIXED
AMS3107CN-X
AMS3107CL-X
AMS3107CD-X
AMS3107C-X
AMS3107CS-X
IND
AMS3107N-X
AMS3107L-X
AMS3107D-X
AMS3107-X
AMS3107S-X
IND
ADJ.
AMS3107S
IND
X = 2.0V, 2.5V, 3.0V, 3.3V, 3.5V, 4.0V, 5.0V.


Similar Part No. - AMS3107

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107-20 ADMOS-AMS3107-20 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107-25 ADMOS-AMS3107-25 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107-30 ADMOS-AMS3107-30 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107-33 ADMOS-AMS3107-33 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3107

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
165Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com