Electronic Components Datasheet Search
  English  ▼

X  

AMS3107 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS3107
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3107 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS3107 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS3107
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =6V, VOUT =3V IO =5mA, TJ=25°C, R1 =27k, C2 = 2
µF unless otherwise specified.
PARAMETER
CONDITIONS
(Note 2)
Min.
AMS3107
Typ.
Max.
Units
Adjustable Version
Reference Voltage
1.210
1.235
1.26
V
IO
≤ 100 mA, -40°C ≤T
J
≤ 125°C,
R1=27k, Measured from VOUT to Adj. Pin
1.20
1.235
1.270
V
Output Voltage Range
2
24
V
Line Regulation
6V
≤V
IN
≤ 25V
.02
1.5
mV/V
Load Regulation
5mA
≤I
O
≤ 100 mA
5mA
≤10 ≤ 200 mA
5mA
≤10 ≤ 350 mA
5mA
≤10 ≤ 500 mA
0.3
0.5
1.0
1.0
0.5
1
1.5
2.0
%
%
%
%
Dropout Voltage
I
O
= 100 mA
I
O
= 200 mA
I
O
= 350 mA
I
O
= 500 mA
0.05
0.3
0.5
0.5
0.2
0.4
0.6
0.7
V
V
V
V
Quiescent Current
I
O
= 0 mA,
I
O
= 100 mA
I
O
= 200 mA
I
O
= 350 mA
0.18
2.0
5.0
12
0.3
2.5
8.0
mA
mA
mA
mA
Output Noise Voltage
10Hz-100kHz
100
µV
rms/V
Output Bypass Capacitor
ESR=0.1 to 10
Ω
10
µF
Long Term Stability
T =1000hr
0.4
%/1000hr
Ripple Rejection
fO = 120Hz
0.02
dB
Maximum Operational Input
Voltage
21
22
V
Maximum Line Transient
IO = 10mA, Reference Voltage
≤ 1.5V
T = 1ms,
τ ≤100ms
35
40
V
Reverse Polarity Input Voltage, D/C
RL = 500
Ω, V
O
≥ -0.3V
-35
-40
V
Reverse Polarity Input Voltage,
Transient
RL = 500
Ω, T = 1ms, τ ≤100ms
-35
-40
V
On/Off Threshold Voltage
On
Off
VO = 3V
2.5
1.8
2.0
1.5
V
V
On/Off Threshold Current
VOFF = 2.4V
35
60
µA
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. For guaranteed performance limits and associated test conditions, see
the Electrical Characteristics tables.
Note 2: To ensure constant junction temperature, low duty cycle pulse testing is used.
Note 3: Limits appearing in boldface type apply over the entire junction temperature range for operation. Limits appearing in normal type apply for TA = TJ = 25
°C.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature TJ(MAX), the junction-to ambient thermal resistance
θ
J-A and the
ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
A
-
J
A
J
T
-
(MAX)
T
P(MAX)
θ
=
Where the value of the junction-to-ambient thermal resistance are as follows: 195
°C/W for TO-92 (N), 160°C/W for the SO-8 (S), 110°C/W for SOT-89 (L), 90°C/W
for SOT-223 and 80
°C/W for TO-252.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com