Electronic Components Datasheet Search
  English  ▼

X  

AMS431 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS431
Description  PRECISION ADJUSTABLE SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS431 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS431 Datasheet HTML 1Page - Advanced Monolithic Systems AMS431 Datasheet HTML 2Page - Advanced Monolithic Systems AMS431 Datasheet HTML 3Page - Advanced Monolithic Systems AMS431 Datasheet HTML 4Page - Advanced Monolithic Systems AMS431 Datasheet HTML 5Page - Advanced Monolithic Systems AMS431 Datasheet HTML 6Page - Advanced Monolithic Systems AMS431 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS431
Monolithic
PRECISION ADJUSTABLE SHUNT REGULATOR
Systems
FEATURES
APPLICATIONS
•• Trimmed 0.25% Reference
•• Battery Powered Systems
•• Wide Operating Current Range 250µµA to 150mA
•• Switching Power Supplies
•• Low Dynamic Output Impedance
•• Adjustable Power Supplies
•• Low Output Noise
•• Linear Regulators
•• Nominal Temperature Range to 85°°C
•• Error Amplifiers
•• Temperature-Compensated: 60ppm/°°C
•• Notebook/Personal Computer
•• Internal Amplifier with 150mA Capability
•• Monitors/ VCR/ TV
•• Pagers
GENERAL DESCRIPTION
The AMS431 is a three-terminal adjustable shunt regulator with guaranteed temperature stability over the entire range of
operation. The output voltage can be set to any value between 2.5V (VREF) and 36V by adding two external resistors. Due to
the sharp turn-on characteristics this device is an excellent replacement for zener diodes in many applications.
AMS431 is available in TO-92, SO-8, SOT-89 and SOT-23 packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
TO-92
8 LEAD SOIC
SOT-89
3 LEAD SOT-23
TEMP. RANGE
±0.25%
AMS431AN
AMS431AS
AMS431AL
AMS431AM
-40 to +85
° C
±0.5%
AMS431BN
AMS431BS
AMS431BL
AMS431BM
-40 to +85
° C
±1.0%
AMS431CN
AMS431CS
AMS431CL
AMS431CM
-40 to +85
° C
PIN CONNECTIONS
TO-92
8L SOIC
SOT-89
3L SOT-23
Plastic Package (N)
SO Package (S)
(L)
(M)
1
2
3
REF
ANODE
CATHODE
2
8
3
4
7
6
5
ANODE
N/C
N/C
ANODE
ANODE
ANODE
1
REF
CATHODE
1
2
3
CATHODE
ANODE
REF
CATHODE
REF
ANODE
Bottom View
Top View
Top View
Top View


Similar Part No. - AMS431

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
Low voltage operation (2.5V)
logo
Advanced Monolithic Sys...
AMS431L ADMOS-AMS431L Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
AMS431L ADMOS-AMS431L Datasheet
63Kb / 7P
1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431L AMS-AMS431L Datasheet
133Kb / 7P
1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431LA ADMOS-AMS431LA Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
More results

Similar Description - AMS431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com