Electronic Components Datasheet Search
  English  ▼

X  

AMS431 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS431
Description  PRECISION ADJUSTABLE SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS431 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS431 Datasheet HTML 1Page - Advanced Monolithic Systems AMS431 Datasheet HTML 2Page - Advanced Monolithic Systems AMS431 Datasheet HTML 3Page - Advanced Monolithic Systems AMS431 Datasheet HTML 4Page - Advanced Monolithic Systems AMS431 Datasheet HTML 5Page - Advanced Monolithic Systems AMS431 Datasheet HTML 6Page - Advanced Monolithic Systems AMS431 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS431
TYPICAL PERFORMANCE CHARACTERISTICS
0
100
200
300
400
500
0
1.0
2.0
3.0
Input Current vs V
Z
CATHODE VOLTAGE (V)
Τ
Α = 25°C
V
Z = V REF
25
70
85
1000
500
125
Thermal Information
TEMPERATURE (° C)
100
0
50
100
150
0
1.0
2.0
3.0
Input Current vs V
Z
CATHODE VOLTAGE (V)
ΤΑ = 25°C
V
Z = V REF
SOT-89
SOT-23
SO-8
TO-92
I
Z
MIN
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3L TO-92 PLASTIC PACKAGE (N)
0.140±0.010
(3.556±0.127)
0.060±0.010
(1.524±0.254)
0.015±0.002
(0.381±0.051)
0.016±0.003
(0.406±0.076)
0.050±0.005
(1.270±0.127)
0.060±0.005
(1.524±0.127)
DIA
0.180±0.005
(4.572±0.127)
0.180±0.005
(4.572±0.127)
0.050
(1.270)
MAX
0.500
(12.70)
MIN
UNCONTROLLED
LEAD DIMENSIONS
10°
NOM
5° NOM
N (TO-92 ) AMS DRW# 042391
0.90
(2.286)
NOM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com