Electronic Components Datasheet Search
  English  ▼

X  

PE8246 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE8246
Description  50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8246 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE8246 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8246 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8246 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
PE8246 REV
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC
to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8246 CAD Drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com