Electronic Components Datasheet Search
  English  ▼

X  

PE8246 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8246
Description  50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8246 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8246 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8246 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8246 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable
Phase of 60.00 Deg. Per GHz
Configuration
Design
Adjustable Phase Trimmer
Phase Adjustment, deg/GHz
60
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
SMA Female
Impedance 2
50 Ohms
Electrical Specifications
Frequency Range, GHz
DC to 12
Maximum VSWR
1.5:1
Maximum Insertion Loss, dB
0.7
Maximum Input Power, Watts
100
Peak Power, KWatts
3,000
Mechanical Specifications
Size
Length, in [mm]
6.9 [175.26]
Width/Dia., in [mm]
2 [50.8]
Height, in [mm]
1 [25.4]
.
Connector 1
Type
SMA Female
Dielectric Type
PTFE
Connector 2
Type
SMA Female
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an
Adjustable Phase of 60.00 Deg. Per GHz PE8246
PE8246
PE8246 REV
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From
DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz


Similar Part No. - PE8246

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8240 PASTERNACK-PE8240 Datasheet
183Kb / 3P
DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8241 PASTERNACK-PE8241 Datasheet
230Kb / 3P
75 Ohm F DC Block Operating From 10 MHz to 2 GHz
PE8242 PASTERNACK-PE8242 Datasheet
181Kb / 3P
DC Block on Inner and Outer Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results

Similar Description - PE8246

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8040 PASTERNACK-PE8040 Datasheet
114Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8245 PASTERNACK-PE8245 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8247 PASTERNACK-PE8247 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8202 PASTERNACK-PE8202 Datasheet
203Kb / 3P
50 Ohm SMA To .085 Semi-Rigid Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 10.00 Deg. Per GHz
PE8203 PASTERNACK-PE8203 Datasheet
356Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8253 PASTERNACK-PE8253 Datasheet
211Kb / 3P
50 Ohm SMA To SMA Phase Shifter Operating From 18 GHz to 26.5 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8254 PASTERNACK-PE8254 Datasheet
245Kb / 3P
50 Ohm 2.92mm To 2.92mm Phase Shifter Operating From 26.5 GHz to 40 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8255 PASTERNACK-PE8255 Datasheet
365Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com