Electronic Components Datasheet Search
  English  ▼

X  

APT15D60B Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT15D60B
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15D60B Datasheet(HTML) 1 Page - Advanced Power Technology

  APT15D60B Datasheet HTML 1Page - Advanced Power Technology APT15D60B Datasheet HTML 2Page - Advanced Power Technology APT15D60B Datasheet HTML 3Page - Advanced Power Technology APT15D60B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12
1 - Cathode
2 - Anode
Back of Case - Cathode
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C
= 90
°C, Duty Cycle = 0.5)
RMS Forward Current
Non-Repetitive Forward Surge Current (T
J
= 45
°C, 8.3ms)
Operating and StorageTemperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Symbol
V
R
V
RRM
V
RWM
I
F
(AV)
I
F
(RMS)
I
FSM
T
J
,T
STG
T
L
Symbol
V
F
I
RM
C
T
L
S
Characteristic / Test Conditions
I
F
= 15A
Maximum Forward Voltage
I
F
= 30A
I
F
= 15A, T
J
= 150
°C
Maximum Reverse Leakage Current
V
R
= V
R
Rated
V
R
= V
R
Rated, T
J
= 125
°C
Junction Capacitance, V
R
= 200V
Series Inductance (Lead to Lead 5mm from Base)
STATIC ELECTRICAL CHARACTERISTICS
PRODUCT BENEFITS
• Low Losses
• Low Noise Switching
• Cooler Operation
• Higher Reliability Systems
• Increased System Power
Density
UNIT
Volts
Amps
°C
UNIT
Volts
µA
pF
nH
MIN
TYP
MAX
1.8
1.6
1.6
150
500
16
10
APT15D60B
600
15
25
110
-55 to 150
300
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
PRODUCT FEATURES
• Ultrafast Recovery Times
• Soft Recovery Characteristics
• Popular TO-247 Package
• Low Forward Voltage
• High Blocking Voltage
• Low Leakage Current
PRODUCT APPLICATIONS
• Anti-Parallel Diode
-Switchmode Power Supply
-Inverters
• Free Wheeling Diode
-Motor Controllers
-Converters
• Snubber Diode
• Uninterruptible Power Supply (UPS)
• Induction Heating
• High Speed Rectifiers
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60B
600V
15A
TO-247
1
2
USA
405 S.W. Columbia Street
Bend, Oregon 97702-1035
Phone: (541) 382-802 8
FAX: (541) 388-036 4
EUROPE
Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
APT Website - http://www.advancedpower.com


Similar Part No. - APT15D60B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
123Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT15D60B THINKISEMI-APT15D60B Datasheet
2Mb / 5P
15Amperes,600Volts Single Ultra Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
APT15D60B ISC-APT15D60B Datasheet
244Kb / 2P
Ultrafast Rectifier
logo
Advanced Power Technolo...
APT15D60BCA ADPOW-APT15D60BCA Datasheet
34Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D60BCA ADPOW-APT15D60BCA Datasheet
125Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT15D60B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT15DQ100K MICROSEMI-APT15DQ100K Datasheet
255Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT2X31D20J ADPOW-APT2X31D20J_05 Datasheet
147Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT2X101D40J ADPOW-APT2X101D40J_05 Datasheet
122Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D120B ADPOW-APT30D120B_05 Datasheet
131Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com