Electronic Components Datasheet Search
  English  ▼

X  

APT15D60B Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT15D60B
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15D60B Datasheet(HTML) 3 Page - Advanced Power Technology

  APT15D60B Datasheet HTML 1Page - Advanced Power Technology APT15D60B Datasheet HTML 2Page - Advanced Power Technology APT15D60B Datasheet HTML 3Page - Advanced Power Technology APT15D60B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VF, ANODE-TO-CATHODE VOLTAGE (VOLTS)
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
Figure 2, Forward Voltage Drop vs Forward Current
Figure 3, Reverse Recovery Charge vs Current Slew Rate
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
TJ, JUNCTION TEMPERATURE (°C)
Figure 4, Reverse Recovery Current vs Current Slew Rate
Figure 5, Dynamic Parameters vs Junction Temperature
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
Figure 6, Reverse Recovery Time vs Current Slew Rate
Figure 7, Forward Recovery Voltage/Time vs Current Slew Rate
VR, REVERSE VOLTAGE (VOLTS)
Figure 8, Junction Capacitance vs Reverse Voltage
0
1
2
3
10
50
100
500
1000
0
200
400
600
800
1000
-50
-25
0
25
50
75
100 125
150
0
200
400
600
800
1000
0
200
400
600
800
1000
0.01
0.05
0.1
0.5
1
5
10
50
100
200
APT15D60B
TJ = 100°C
VR = 350V
TJ = 100°C
VR = 350V
15A
7.5A
15A
30A
Qrr
trr
Qrr
IRRM
trr
30A
7.5A
TJ = 100°C
VR = 350V
30A
15A
7.5A
60
50
40
30
20
10
0
40
30
20
10
0
100
80
60
40
20
0
200
100
50
10
TJ = 150°C
TJ = 100°C
TJ = 25°C
TJ = -55°C
TJ = 100°C
VR = 350V
IF = 15A
Vfr
1200
1000
800
600
400
200
0
2.0
1.6
1.2
0.8
0.4
0.0
500
400
300
200
100
0
25
20
15
10
5
0
tfr



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com