| Electronic Components Datasheet Search |
|
GPMP600 Datasheet(PDF) 1 Page - SL Power Electronics |
|
|
|||||||||||||||||||||||||||||
GPMP600 Datasheet(HTML) 1 Page - SL Power Electronics |
|
1 / 12 page ![]() FAMILY: MODEL: HALT HALT Temperature Cycling Step Stress HALT Operating Temperature Range: Pass HALT Vibration Step Stress Maximum Operating Level: Pass Condor Non-Operating Vibration Result: Pass Cold Start-up Time Result: Pass IR Imaging and Thermal Survey Status: Done Please see attached report for detail implementation of a fix is technically or economically unfeasible. The greater the design margin, ENVIRONMENTAL REPORT: EXECUTIVE SUMMARY 07/15/05 The time measured, from the application of input voltage, for the unit to reach the specified output voltage. This is measured at the specified temperature, as well as lower temperatures. GPMP600-24 REVISION: A In order to increase the field reliability of its power supplies, Condor uses HALT (Highly Accelerated Life Test) testing. This is a design margin test, where the test specimen is exposed to successively higher levels of stress, until failure occurs. The failure mechanism is diagnosed, corrected, and the process is repeated until an acceptable level of margin is achieved. An GPMP / GPHP acceptable level is usually a point where the fundamental design limit is reached, or 2311 STATHAM PARKWAY ISO 9001-2000 CERTIFIED OXNARD, CALIFORNIA 93033 TELEPHONE (805) 486-4565 FAX (805) 487-8911 www.condorpower.com a subsidiary of SL INDUSTRIES, INC. The unit is photographed during operation with an imaging infrared camera to locate hot spots. The major components, along with anything additionally identified during the IR scan, are thermocoupled. Temperatures are measured at the maximum specified ambient temperature. the less likely that a field failure will occur due to that particular stimulus. The product is exposed to random vibration, in order to simulate the environment encountered during transportation. The product is exposed to 5 grms, 10-2000 hz random vibration, for 1 hour per axis, in 3 axes. No mechanical or electrical damage is allowed. |
Similar Part No. - GPMP600 |
|
Similar Description - GPMP600 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |