Electronic Components Datasheet Search
  English  ▼

X  

GPMP600 Datasheet(PDF) 3 Page - SL Power Electronics

Part # GPMP600
Description  ENVIRONMENTAL REPORT: EXECUTIVE SUMMARY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPMP600 Datasheet(HTML) 3 Page - SL Power Electronics

  GPMP600 Datasheet HTML 1Page - SL Power Electronics GPMP600 Datasheet HTML 2Page - SL Power Electronics GPMP600 Datasheet HTML 3Page - SL Power Electronics GPMP600 Datasheet HTML 4Page - SL Power Electronics GPMP600 Datasheet HTML 5Page - SL Power Electronics GPMP600 Datasheet HTML 6Page - SL Power Electronics GPMP600 Datasheet HTML 7Page - SL Power Electronics GPMP600 Datasheet HTML 8Page - SL Power Electronics GPMP600 Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Vibration Step Stress
Specification Limits
Minimum Specified Operating Level (No loss of operation):
1.5 grms
Operational Limits
Maximum Operating Level (No loss of operation):
5 grms
Result Table
Test Summary
Infrared Baseline Photo
Unit is allowed to stabilize at approximately 25°C ambient temperature, convection cooled, with
600 W output power before infrared photo is shot. See attached topside and bottomside photo.
Thermal Survey
Cold Start
Unit is placed in the chamber, power off, and allowed to stabilize at the ambient temperature.
With an oscilloscope probe attached to both the input and the output, power is applied and the
time difference between application of power and output voltage is recorded. See attached chart
for all configurations.
Vibration Qualification
One hour of random vibration in each of three (3) orthogonal axes. Profile: 0.038 g
2/hz,
20-350 hz; -60 B/oct, 350-2000 hz; 4.86 grms.
HALT Temperature Cycling Step Stress and Vibration
Unit is exposed to progressively more severe operating temperatures and random vibration
environments. Failures that occur are diagnosed for root cause, corrective action is performed, and
then the test is continued. The levels are increased unti the test extremes or the fundamental limit
of the unit is reached (whether by technological or economic limitations.)
C10, C40, C48 broke.
L2 and part of T3 lead
broken. Trace bared
beneath T3.
-
Root Cause
No RTV on C13.
No RTV on C40 or
C48; a little RTV on
C10.
RTV only between
board and T2 on one
end.
Added RTV between board and
T2 on both ends of T2.
-
-
7 grms, Y
axis
None.
None. Unit reached fundamental
limit of technology.
7 grms, Y
axis
#4 lead of T2 broke.
7 grms, X
axis
Added generous amounts of RTV
between C40, C48, C10 and their
surrounding components.
-
After attaching thermocouples, unit is placed in the chamber, powered on, and allowed to reach a
stable temperature. Component temperature is monitored throughout the test. See attached chart for
all configurations.
5 grms, Y
axis
Added RTV between C13 and
surrounding components.
Incorp.
Level (grms)
Corrective Action
Problem
C13 broke.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com