Electronic Components Datasheet Search
  English  ▼

X  

GSC25A Datasheet(PDF) 1 Page - SL Power Electronics

Part # GSC25A
Description  25 Watt Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GSC25A Datasheet(HTML) 1 Page - SL Power Electronics

  GSC25A Datasheet HTML 1Page - SL Power Electronics GSC25A Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSC25 Commercial/GSM25 Medical
25 Watt Global Performance SWitcherS
Features:
• Industry’s smallest 25 W switcher
• 2.50 x 4.25 x 0.86”
• Conducted EMI exceeds FCC Class B and
CISPR 22 Class B (Commercial models) and
CISPR 11 Class B (Medical models)
• Overvoltage protection standard
• Commercial Approved to UL1950,
CSA-C22.2 No.950, EN60950
• Medical Approved to UL2601-1, IEC60601-1
EN60601-1 and CSA-C22.2 No. 601-1
• RoHS Compliant (G suffix)
Ac Input
90-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at minimum 120 Vac, 60 Hz with full rated output
load is 0.6 A.
Hold-up Time
15 ms minimum from loss of ac input at full load, nominal line (120 Vac).
Output Power
Normal continuous output power is 25 W, 28 W peak for 60 sec. maximum
duration, 10% duty cycle. Factory set to begin power limiting at approxi-
mately 30 W.
Output Regulation
Regulation from initial setpoint measured by changing load from 5% load to
50% load or 50% load to full load in either direction. Initial setpoint tolerance
is measured at 50% load. A minimum load of 5% of the output current on the
+5.1 V output (125 mA) is required to maintain proper regulation.
Overload Protection
Fully protected against short circuit and output overload. Short circuit protec-
tion is cycling type power limit
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode. Measured with
scope probe directly across output terminals of the power supply with load
terminated with 0.1 uF capacitor.
Transient Response
Main output: 750 μs typical response time for return to within 0.5% of final
value for a 50% load step within the regulation limits of minimum and maxi-
mum load, ∆l/∆t <0.2 A/μs. Maximum voltage deviation is 3.5%. Startup/shut-
down overshoot less than 2%.
Overvoltage Protection
Built in with firing point set per ratings table. OVP firing reduces voltage to
less than 50% of nominal voltage in 50 ms.
Voltage Adjustment
Factory set with fixed resistors to maximize reliability.
Efficiency
70% minimum at full rated load, nominal input voltage.
Input Protection
Internal ac fuse provided on all units.
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GSC25
Conducted Emissions GSM25
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
EN55022 Class B; FCC Class B
EN55011 Class B; FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kHz
EN61000-4-5, 1 kV diff., 2 kV com.
Medical Safety
Condor D.C. Power Supplies, Inc. declares under our sole responsibility that all
GSM models are in conformity with the applicable requirements of UL2601-1
Patient Care Equipment, CSA-C22.2 No.601.1, IEC60601-1, EN 60601-1.
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
Inrush Current
Inrush is limited by internal thermistor. The inrush at 230 Vac, averaged over the
first ac half-cycle under cold start conditions will not exceed 32 A.
Temperature Coefficient
0.03%/°C typical on all outputs.
Environmental
Designed for 0 to 50°C operation at full rated output power; derate output current
and total output power by 2.5% per °C between 50 - 70°C. See Environmental and
Packaging Specifications on next page.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions require-
ments:
Commercial Safety:
Condor D.C. Power Supplies, Inc. declares under our sole responsibility that all GSC
models are in conformity with the applicable requirements of EN60950 following
the provisions of the Low Voltage Directive 73/23/EEC. All GSC models are ap-
proved to UL1950, CSA-C22.2 No.950, EN60950.
GSM25 Medical Model Earth Leakage Current
Leakage current measured in the Gnd wire connection when measured per
UL2601-1 or IEC60601-1 is as follows:
Model
Normal
Fault
Test
Test
Leakage
Leakage
Voltage
Method
GSM25
50 μA
78 μA
132 Vca/60 Hz
UL2601-1
GSM25
94 μA
150 μA
264 Vca/50 Hz
IEC60601-1
SPECIFICATIONS
•
marked to LVD
D C P o w e r S u p p l i e s


Similar Part No. - GSC25A

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC2596M GTM-GSC2596M Datasheet
648Kb / 6P
150 KHz, 2A PWM Step-Down DC/DC Converter
logo
Mean Well Enterprises C...
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
25W Single Output LED Power Supply
GSC25E MEANWELL-GSC25E Datasheet
94Kb / 4P
CONSTANT CURRENT MODE OUTPUT(UP TO 277VAC)
GSC25E-1050 MEANWELL-GSC25E-1050 Datasheet
94Kb / 4P
CONSTANT CURRENT MODE OUTPUT(UP TO 277VAC)
GSC25E-1400 MEANWELL-GSC25E-1400 Datasheet
94Kb / 4P
CONSTANT CURRENT MODE OUTPUT(UP TO 277VAC)
More results

Similar Description - GSC25A

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
140 Watt Global Performance Switchers
GLC110 SLPOWER-GLC110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
40 WATT GLOBAL PERFORMANCE SWITCHERS
GPC55 SLPOWER-GPC55 Datasheet
296Kb / 2P
55 Watt Global Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
160 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
250 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
20 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
28 Watt Global Performance Switchers
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com