Electronic Components Datasheet Search
  English  ▼

X  

GSC25A Datasheet(PDF) 2 Page - SL Power Electronics

Part # GSC25A
Description  25 Watt Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GSC25A Datasheet(HTML) 2 Page - SL Power Electronics

  GSC25A Datasheet HTML 1Page - SL Power Electronics GSC25A Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Commercial
Model
Medical
Model
Output No.
Output
Current
Load
Regulation
Initial Setpoint
Tolerance
OVP
Setting
Ripple and
Noise
Notes
GSC25A
GSM25A
1
+ 5.1 V
2.5 A
1%
1%
6.2 ± 0.6 V
1%
A
2
+12 V
1.5 A
4%
3%
1%
A
3
- 12 V
0.2 A
1%
4%
1%
B
GSC25B
GSM25B
1
+ 5 V
2.5 A
1%
1%
6.2 ± 0.6 V
1%
A
2
+15 V
1.5 A
4%
3%
1%
A
3
- 15 V
0.2 A
1%
4%
1%
B
GSC25D
GSM25D
1
+5.1 V
2.5 A
1%
1%
6.2 ± 0.6 V
1%
A
2
+24 V
1.0 A
4%
3%
1%
A
3
-12 V
0.2 A
1%
4%
1%
B
A. To maintain proper regulation on output 2, +5.1 V current must be at least 1⁄4 and not greater than 5 times V2 current. V1 must be adjusted within 1% of 5.1 V
to maintain full load regulation on V2.
B. Thermal foldback type current limit
C. Add “G” suffix to model number for RoHS compliant model.
SL Power Electronics Corp. 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 Email: info@slpower.com Rev. 4/22/08.
Data Sheet © 2008 SL Power Electronics Corp. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power Electronics accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without
notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
See individual specs.
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
A. Units should be allowed to warm up/operate under
non-condensing conditions before application of power.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction,
3 orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350
to 2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and
1 hr./axis non-operating.
GSC25/GSM25 MECHANICAL SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com