Electronic Components Datasheet Search
  English  ▼

X  

LS15-05 Datasheet(PDF) 1 Page - SL Power Electronics

Part # LS15-05
Description  Series Line Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LS15-05 Datasheet(HTML) 1 Page - SL Power Electronics

  LS15-05 Datasheet HTML 1Page - SL Power Electronics LS15-05 Datasheet HTML 2Page - SL Power Electronics LS15-05 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LS15
Series Line Splitter
PoE
LineandLoad
+/-1%V-out
VoltageRegulation
TransientResponse
1%ofV-out
(50%-100%loaddeviation)
OvervoltageProtection
Transorbprotected
OutputConnection
Standard
OutputNoise
1%ofV-out,20MHzBW
Output Specifications
Input
36-57Vdc
InputCurrent
Resetpower
WhenIin>450mAfor
OverloadProtection
tostartunit
75mSec,inputlatchesoff
InputSurge
Transorbprotected
InputUndervoltage
Turnon
33-42Vdc
Turnoff
30-34Vdc
Input Specifications
Operatingtemperature
-40°Cto+60°C
StorageTemperature
-40°Cto+85°C
Maxambient
60*C@Fullload
operatingTemp
Environmental Specifications
Efficiency
InMidspan
MeasuredfromData/Power
configuration
pinsofRJ45connector,
to.outputofstdSwitchcraft
712Aconn.
5V
87%min.
12V
88%min.
24V
90%min.
SwitchingFrequency
200kHz+/-1%
Recoverytime
100Usecto1%V-out
(SR=1a/10Usec)
I-overload
120%±5%
ShortCircuit
Autorecoverywhenshort
isremoved
ThermalShutdown
Internallyprotectedagainst
over-tempconditions.
Approvalsand
TUVPending
SafetyStandards
CaseandDimension
3.0Lx2.1Wx1.0H(in)
Weight
58g(2.05oz)
InputConnector
StandardRJ45connector
General Specifications
Specifications
1 Year Warranty
• Power over Ethernet (PoE)
• Converts POE to Separate Power and Data Lines
• High Efficiency: 90%, 24V unit
• Industry Leading Small Profile; 3”x 2.1”x 1”
• Meets IEEE 802.3AF
• Full Thermal Protection
• Short Circuit & Overload Protection
• Input Shutdown
• UVLO / OVLO
• Surge Protection
International Safety Standard Approvals
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com


Similar Part No. - LS15-05

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS150 RSG-LS150 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
LS150-12 RSG-LS150-12 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS150-12 TDK-LS150-12 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS150-15 RSG-LS150-15 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS150-15 TDK-LS150-15 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
More results

Similar Description - LS15-05

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
480172 EXTECH-480172 Datasheet
130Kb / 1P
AC Line Splitter
logo
Emcore Corporation
1188QA EMCORE-1188QA Datasheet
70Kb / 2P
Optical Splitter
logo
XFMRS Inc.
XF4010 XFMRS-XF4010_15 Datasheet
35Kb / 1P
SPLITTER
XF4015 XFMRS-XF4015_15 Datasheet
35Kb / 1P
SPLITTER
XF4016 XFMRS-XF4016_15 Datasheet
35Kb / 1P
SPLITTER
logo
TE Connectivity Ltd
C-293611 TEC-C-293611 Datasheet
1Mb / 2P
T-SPLITTER CONNECTOR NECTOR* M-LINE 3 POLES UNSEALED VERSION
C-1879995 TEC-C-1879995 Datasheet
994Kb / 2P
T-SPLITTER CONNECTOR NECTOR* M-LINE 5 POS
C-1879999 TEC-C-1879999 Datasheet
1Mb / 3P
NECTOR M-LINE 5 POLES T-SPLITTER CONNECTOR SEALED VERSION
logo
Schneider Electric
PF11VT3 SCHNEIDER-PF11VT3 Datasheet
80Kb / 2P
APC Performance SurgeArrest, 11 outlet, phone line (with splitter) & coax protection
Apr 8, 2020
logo
Pepperl+Fuchs Inc.
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
Splitter boxes
2022-03-28
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com