Electronic Components Datasheet Search
  English  ▼

X  

LS15-05 Datasheet(PDF) 3 Page - SL Power Electronics

Part # LS15-05
Description  Series Line Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LS15-05 Datasheet(HTML) 3 Page - SL Power Electronics

  LS15-05 Datasheet HTML 1Page - SL Power Electronics LS15-05 Datasheet HTML 2Page - SL Power Electronics LS15-05 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LS15
Series Line Splitter
PoE
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
DataSheet©2007SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.04/19/07
3 of 3
Pin
ModeA
ModeB
1
PosVport,NegVport
2
PosVport,NegVport
3
NegVport,PosVport
4
PosVport,NegVport
5
PosVport,NegVport
6
NegVport,PosVport
7
NegVport,PosVport
8
NegVport,PosVport
Data/Power in & Data Out Connection
8 7 6 5 4 3 2 1
StandardRJ45Jack
Configuration-For802.3afcompliantunits
Power Out Connection
Description
12”,18AWGCablewSwitchcraftS760
connectororequivalent
PinoutCode
Centercontact:positive
SuggestedMating
Switchcraft722Aplugorequivalent
Description
12”,18AWGCablewSwitchcraft760
connectororequivalent
PinoutCode
Centercontact:positive
SuggestedMating
Switchcraft712Aplugorequivalent
Description
SwitchcraftRAPC712Aconnector
orequivalent
PinoutCode
Centercontact:positive
SuggestedMating
Switchcraft760plugorequivalent



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com