Electronic Components Datasheet Search
  English  ▼

X  

HE720 Datasheet(PDF) 1 Page - A-Data Technology

Part # HE720
Description  DashDrive Elite HE720 Portable Hard Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

HE720 Datasheet(HTML) 1 Page - A-Data Technology

  HE720 Datasheet HTML 1Page - A-Data Technology HE720 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
> The slimmest external hard drive in the world:
The HE720 sports a record-breaking slim profile of only 8.9mm
thickness, combining top performance with sleek style.
> Elegant texture with hairline finish:
The brushed stainless steel case with protective layer provides 9H
scratch resistance, which prevents damage and marring even after
long-term use.
> One-touch backup:
With one easy touch, all data can be automatically backed up
and synchronized.
> Bright blue LED indicator:
The HE720 features a bright blue LED indicator that shines through
the enclosure to indicate power and data transfer status.
> SuperSpeed USB 3.0 performance:
The HE720 is equipped with a SuperSpeed USB 3.0 transfer
interface, nearly three times faster than USB 2.0.
Specifications
> Device Interface: SuperSpeed USB 3.0
(backward compatible with USB 2.0)
> HDD Interface: 2.5" SATA II
> Capacity: 500GB
> Dimensions (L x W x H): 117 x 79 x 8.9mm (4.6 x 3.1 x 0.4in)
> Weight: 164g (0.4lb)
> System Compatibility: Windows XP, Windows Vista, Windows 7
Mac OS X 10.6 or later
Linux Kernel 2.6 or later
> Warranty: 3 years
> Temperature: Operating 5ºC~50ºC; Storage -40ºC~60ºC
> Box Contents: HE720; USB 3.0 Cable; Quick Start Guide
DashDrive Elite HE720 Portable Hard Drive
Waterproof
One Touch Backup
Ultra Slim Design
8.9
mm
www.adata-group.com


Similar Part No. - HE720

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HE721 BOWEI-HE721 Datasheet
113Kb / 1P
Dual Output intergrated VCO
logo
List of Unclassifed Man...
HE721A0400 ETC1-HE721A0400 Datasheet
298Kb / 2P
DUAL-IN-LINE Reed Relay
HE721A0401 ETC1-HE721A0401 Datasheet
298Kb / 2P
DUAL-IN-LINE Reed Relay
HE721A0405 ETC1-HE721A0405 Datasheet
298Kb / 2P
DUAL-IN-LINE Reed Relay
HE721A0406 ETC1-HE721A0406 Datasheet
298Kb / 2P
DUAL-IN-LINE Reed Relay
More results

Similar Description - HE720

ManufacturerPart #DatasheetDescription
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
ThinkPad Hard Disk Drive
logo
National Semiconductor ...
LP3910SQ-AN NSC-LP3910SQ-AN Datasheet
7Mb / 60P
Power Management IC for Hard Drive Based Portable Media Players
logo
A-Data Technology
HD710 A-DATA-HD710 Datasheet
811Kb / 1P
DashDrive Dura HD710 Portable Hard Drive
HV610 A-DATA-HV610 Datasheet
626Kb / 2P
DashDrive HV610 Portable Hard Drive
UE700 A-DATA-UE700 Datasheet
2Mb / 1P
DashDrive Elite UE700
UV120 A-DATA-UV120 Datasheet
300Kb / 1P
DashDrive??UV120
logo
List of Unclassifed Man...
HD-PATU3 ETC2-HD-PATU3 Datasheet
803Kb / 2P
high performance portable hard drive featuring the revolutionary Thunderbolt technology.
HD-PNTU3 ETC2-HD-PNTU3 Datasheet
1Mb / 2P
USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
HD-PZU3V2 ETC2-HD-PZU3V2 Datasheet
394Kb / 2P
Ruggedized, Secure Portable USB 3.0 Hard Drive
logo
Texas Instruments
LP3910 TI1-LP3910 Datasheet
2Mb / 72P
Power Management IC for Hard-Drive-Based Portable Media Players
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com