Electronic Components Datasheet Search
  English  ▼

X  

HE720 Datasheet(PDF) 2 Page - A-Data Technology

Part # HE720
Description  DashDrive Elite HE720 Portable Hard Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

HE720 Datasheet(HTML) 2 Page - A-Data Technology

  HE720 Datasheet HTML 1Page - A-Data Technology HE720 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type
Dimensions(mm) PCs/Carton CUFT
Carton Gross Weight
Carton Dimensions(mm)
Retail
261g
169 x 34 x 117
20
0.97
6.4kg
420 x 330 x 200
Weight
Ordering Information
Packaging Information
Capacity
Model Number
Color
EAN Code
500GB
AHE720-500GU3-CTI
Silver
4713435795934
DashDrive Elite HE720 Portable Hard Drive
www.adata-group.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com