Electronic Components Datasheet Search
  English  ▼

X  

218 Datasheet(PDF) 3 Page - Marl International Limited

Part # 218
Description  Direct replacement for E26 (North American Standard)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

218 Datasheet(HTML) 3 Page - Marl International Limited

  218 Datasheet HTML 1Page - Marl International Limited 218 Datasheet HTML 2Page - Marl International Limited 218 Datasheet HTML 3Page - Marl International Limited 218 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
218 series
Part numbers also available in the 218 series:
Part
Number
Colour
Voltage
Vopr
218-501-23-65
Red
28 Vdc
218-501-25-65
Red
110 Vdc
218-521-23-65
Yellow
28 Vdc
218-521-86-65
Yellow
115 Vac 60 Hz
218-532-23-65
Green
28 Vdc
218-751-86-72
AS ALLNGAP
115 Vac 60 Hz
218-751-86-73
AS ALLNGAP
115 Vac 60 Hz
218-752-86-72
Amber
115 Vac 60 Hz
218-904-86-50
-
115 Vac 60 Hz
218-904-86-51
Red
115 Vac 60 Hz
218-904-86-97-KDS
Red
115 Vac 60 Hz
218-904-86-97-KSL
Red
115 Vac 60 Hz
218-907-86-50
Green
115 Vac 60 Hz
218-907-86-51
Green
115 Vac 60 Hz
218-925-86-50
Yellow
115 Vac 60 Hz
218-925-86-51
Yellow
115 Vac 60 Hz
218-930-25-65
Blue
110 Vdc
218-997-23-65
White
28 Vdc
218-997-25-65
White
110 Vdc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 218 - version 2012-12-06-113539
page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com