Electronic Components Datasheet Search
  English  ▼

X  

218 Datasheet(PDF) 1 Page - Marl International Limited

Part # 218
Description  Direct replacement for E26 (North American Standard)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

218 Datasheet(HTML) 1 Page - Marl International Limited

  218 Datasheet HTML 1Page - Marl International Limited 218 Datasheet HTML 2Page - Marl International Limited 218 Datasheet HTML 3Page - Marl International Limited 218 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
218 series
• Direct replacement for E26 (North American Standard)
• BA22 (UK) and E27 (Europe) versions also available
• 20 LED cluster
• Optional polycarbonate, water clear lens
• Pack Quantity = 1 Piece
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
218-501-22-65
Red
24 Vdc
75
2800
660
-40 - +85
-40 - +85
A
218-501-75-65
Red
110 Vac
22
2800
660
-40 - +85
-40 - +85
A
218-521-75-65
Yellow
110 Vac
22
6100
580-590
-40 - +80
-40 - +120
D
218-997-75-65
White
110 Vac
22
27000
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 218 - version 2012-12-06-113539
page 1 of 4


Similar Part No. - 218

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
218 CTS-218 Datasheet
101Kb / 2P
SMT half pitch DIP switch-Auto placeable
218 CTS-218 Datasheet
763Kb / 2P
SMT Half Pitch DIP Switch-Auto Placeable
logo
Alpha Wire
218 ALPHAWIRE-218 Datasheet
168Kb / 2P
Mini 7/8" Female 5 Pin Field Attachable
logo
Littelfuse
218 LITTELFUSE-218 Datasheet
941Kb / 4P
The 218 series fuse is a 5x20mm time-lag glass body cartridge fuse designed to IEC specification
logo
3M Electronics
218 3M-218 Datasheet
559Kb / 5P
3M™ Scotch® Fine Line Tape 218
Dec-2007
More results

Similar Description - 218

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217 MARL-217 Datasheet
284Kb / 5P
Direct replacement for E27 (European Standard)
logo
List of Unclassifed Man...
1751810B1 ETC2-1751810B1 Datasheet
386Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1752010B1 ETC2-1752010B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1752410B1 ETC2-1752410B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1753610B1 ETC2-1753610B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1753710B1 ETC2-1753710B1 Datasheet
59Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1775110B1 ETC2-1775110B1 Datasheet
69Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
6665 ETC2-6665 Datasheet
53Kb / 2P
RETRACTILE CORD - NORTH AMERICAN
179708 ETC2-179708 Datasheet
340Kb / 3P
NORTH AMERICAN POWER SUPPLY CORD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com