Electronic Components Datasheet Search
  English  ▼

X  

677 Datasheet(PDF) 3 Page - Marl International Limited

Part # 677
Description  EMC version with internal stainless steel mesh 횠8.1mm mounting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677 Datasheet(HTML) 3 Page - Marl International Limited

  677 Datasheet HTML 1Page - Marl International Limited 677 Datasheet HTML 2Page - Marl International Limited 677 Datasheet HTML 3Page - Marl International Limited 677 Datasheet HTML 4Page - Marl International Limited 677 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
677 EMC series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph U
10
20
30
40
50
8.5
also available
Part numbers also available in the 677 series:
Part
Number
Colour
Voltage
Vopr
677-501-00-50
Red
-
677-501-04
Red
20 mA dc
677-501-04-51
Red
20 mA dc
677-501-20
Red
5/6 Vdc
677-501-20-53
Red
5/6 Vdc
677-501-21
Red
12 Vdc
677-501-21-15
Red
12 Vdc
677-501-21-19
Red
12 Vdc
677-501-22
Red
24 Vdc
677-501-23
Red
28 Vdc
677-501-23-15
Red
28 Vdc
677-501-23-19
Red
28 Vdc
677-501-24
Red
48 Vdc
677-501-46
Red
35 Vdc
677-501-48-50
Red
60 Vdc
677-501-75-15
Red
110 Vac 50 Hz
Part
Number
Colour
Voltage
Vopr
677-501-75-50
Red
110 Vac 50 Hz
677-501-76-50
Red
230 Vac 50 Hz
677-501-86
Red
115 Vac 60 Hz
677-501-86-15
Red
115 Vac 60 Hz
677-503-23
Red
28 Vdc
677-506-21
Orange
12 Vdc
677-512-04
Green
20 mA dc
677-512-23
Green
28 Vdc
677-521-04
Yellow
20 mA dc
677-521-04-50
Yellow
20 mA dc
677-521-20
Yellow
5/6 Vdc
677-521-21
Yellow
12 Vdc
677-521-21-15
Yellow
12 Vdc
677-521-21-19
Yellow
12 Vdc
677-521-22
Yellow
24 Vdc
677-521-22-50
Yellow
24 Vdc
Part
Number
Colour
Voltage
Vopr
677-521-23
Yellow
28 Vdc
677-521-23-15
Yellow
28 Vdc
677-521-23-19
Yellow
28 Vdc
677-521-24
Yellow
48 Vdc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 677 EMC - version 2012-12-06-114032
page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com