Electronic Components Datasheet Search
  English  ▼

X  

677 Datasheet(PDF) 1 Page - Marl International Limited

Part # 677
Description  EMC version with internal stainless steel mesh 횠8.1mm mounting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677 Datasheet(HTML) 1 Page - Marl International Limited

  677 Datasheet HTML 1Page - Marl International Limited 677 Datasheet HTML 2Page - Marl International Limited 677 Datasheet HTML 3Page - Marl International Limited 677 Datasheet HTML 4Page - Marl International Limited 677 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
677 EMC series
• EMC version with internal stainless steel mesh
• Ø8.1mm mounting
• Black chrome plated aluminium housing with a conductive
rubber panel seal
• Sealed to IP67
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
677-501-21-53
Red
12 Vdc
18
600
630
-40 - +80
-40 - +100
D
677-521-21-53
Yellow
12 Vdc
18
600
585
-40 - +80
-40 - +100
D
677-532-21-53
Green
12 Vdc
18
800
515
-40 - +80
-40 - +100
F
677-930-21-53
Blue
12 Vdc
18
140
465
-30 - +85
-40 - +100
U
677-997-21-53
White
12 Vdc
18
27000
* See below
-30 - +85
-40 - +100
I
677-501-23-53
Red
24 - 28 Vdc
19
600
630
-40 - +80
-40 - +100
D
677-521-23-53
Yellow
24-28 Vdc
19
600
585
-40 - +80
-40 - +100
D
677-532-23-53
Green
24-28 Vdc
19
800
515
-40 - +80
-40 - +100
F
677-930-23-53
Blue
24 - 28 Vdc
19
140
465
-30 - +85
-40 - +100
U
677-997-23-53
White
24-28 Vdc
19
27000
* See below
-30 - +85
-40 - +100
I
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 677 EMC - version 2012-12-06-114032
page 1 of 5


Similar Part No. - 677

ManufacturerPart #DatasheetDescription
logo
Littelfuse
677 LITTELFUSE-677 Datasheet
39Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
logo
Walther-Werke
677 WALTHER-677 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Marl International Limi...
677-501-04 MARL-677-501-04 Datasheet
254Kb / 2P
PANEL INDICATOR LED
677-501-04 MARL-677-501-04 Datasheet
229Kb / 2P
PANEL INDICATOR LED
Version 007/2017.
677-501-04-15 MARL-677-501-04-15 Datasheet
229Kb / 2P
PANEL INDICATOR LED
Version 007/2017.
More results

Similar Description - 677

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
horizontal stainless steel compact internal fitting
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
횠6.1mm mounting Robust stainless steel housing
524 MARL-524 Datasheet
434Kb / 5P
횠8.1mm mounting Robust stainless steel housing
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
logo
GardTec, Inc.
AFM-120M GARDTEC-AFM-120M Datasheet
365Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-127M GARDTEC-AFM-127M Datasheet
348Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-162M GARDTEC-AFM-162M Datasheet
377Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-60M GARDTEC-AFM-60M Datasheet
358Kb / 1P
Frame-0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-92M GARDTEC-AFM-92M Datasheet
367Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com